Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292DT Datasheet(PDF) 35 Page - STMicroelectronics

Part # L7292DT
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 31Page - STMicroelectronics L7292DT Datasheet HTML 32Page - STMicroelectronics L7292DT Datasheet HTML 33Page - STMicroelectronics L7292DT Datasheet HTML 34Page - STMicroelectronics L7292DT Datasheet HTML 35Page - STMicroelectronics L7292DT Datasheet HTML 36Page - STMicroelectronics L7292DT Datasheet HTML 37Page - STMicroelectronics L7292DT Datasheet HTML 38Page - STMicroelectronics L7292DT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
DocID028601 Rev 1
35/60
L7292
Register map
60
9.2.12
SEQCFG.DLY1CFG - Delay 1 configuration
Delay before/after power up sequence configuration.
0x0: no delay.
0x1: delay before POR rising edge.
0x2: delay before starting sequence.
0x3: delay before starting sequence and before POR rising edge.
9.2.13
SEQCFG.DLY1 - Delay 1
Delay before de-assert POR (if enabled) and before starting sequence (if enabled).
If SEQCFG Bit 7 = 0
0x0: 10 ms
0x1: 12 ms
0x2: 14 ms
0x3: 16 ms
0x4: 18 ms
0x5: 20 ms
0x6: 22 ms
0x7: 24 ms
If SEQCFG Bit 7 = 1
Delay1 = 8 ms
9.2.14
PSCFG.EUVM - external undervoltage mask
Mask external supply undervoltage fault.
0: undervoltage generates fault.
1: undervoltage does not generate fault.
9.2.15
PSCFG.IUVM - internal undervoltage mask
Mask internal supply undervoltage fault.
0: undervoltage generates fault.
1: undervoltage does not generate fault.
9.2.16
PSCFG.DEGL - deglitch
Digital deglitch filter time duration for regulator output voltage monitor
0x0: 0
s
0x1: 1
s
0x2: 2
s
0x3: 5
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com