Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292DT Datasheet(PDF) 45 Page - STMicroelectronics

Part # L7292DT
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 41Page - STMicroelectronics L7292DT Datasheet HTML 42Page - STMicroelectronics L7292DT Datasheet HTML 43Page - STMicroelectronics L7292DT Datasheet HTML 44Page - STMicroelectronics L7292DT Datasheet HTML 45Page - STMicroelectronics L7292DT Datasheet HTML 46Page - STMicroelectronics L7292DT Datasheet HTML 47Page - STMicroelectronics L7292DT Datasheet HTML 48Page - STMicroelectronics L7292DT Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
DocID028601 Rev 1
45/60
L7292
Buck regulator description
60
11.6
PFM mode
To maintain high efficiency in light-load condition the device enters automatically the PFM
mode for a load current of around IDCM/2 or lower. This happens when the inductor current
becomes discontinuous.
During the PFM operation, the converter fixes the output voltage to the nominal DC value
plus ½ Vout ripple that is affected by the output capacitor, the current ripple in the inductor
and the load current.
In this phase the high-side PMOS current is limited at IDCM and the pulses frequency is
proportional to the load current. When the PMOS current reaches IDCM the PMOS is
switched OFF while the NMOS is forced ON. This is valid until a zero current is detected,
then the regulator output is set in high impedance until Vout crosses the nominal value.
11.7
Forced PWM
When enabled, the buck regulator always operates in the PWM mode regardless of the
output current. In the light-load the efficiency will be worse than in the PFM mode due to the
inductor current becoming negative.
This function enables the ability to have a constant frequency in light-load condition and also
reduces the output voltage ripple.
11.8
Current limiting
According to the max. load current, an ILIMIT is embedded in each regulator to protect the
device and any external components from overload conditions.
When the high-side PMOS current reaches the ILIMIT, the regulator output is forced in high
impedance for around 1
s, allowing the inductor current to decrease to a safe level before
allowing another on-time to happen.
11.9
Short-circuit protection
In case the high-side PMOS current reaches the current limit and Vout falls below the short-
circuit voltage threshold, the regulator is switched off permanently, until another full power-
up of the whole device is performed.
11.10
Deep sleep mode
This feature is enabled when the device has to provide the minimum functionality of the
system, to reduce the quiescent current and to be ready to restart the operative conditions
when needed.
The device can be placed in the “Deep Sleep Mode” (DSM) by writing bit 7 REGCTRL = 1 in
this mode.
Regulator 3 is enabled - no load current, in the PFM mode.
Regulators 1 - 2 - 4 - 5 are OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com