Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292DT Datasheet(PDF) 46 Page - STMicroelectronics

Part # L7292DT
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 42Page - STMicroelectronics L7292DT Datasheet HTML 43Page - STMicroelectronics L7292DT Datasheet HTML 44Page - STMicroelectronics L7292DT Datasheet HTML 45Page - STMicroelectronics L7292DT Datasheet HTML 46Page - STMicroelectronics L7292DT Datasheet HTML 47Page - STMicroelectronics L7292DT Datasheet HTML 48Page - STMicroelectronics L7292DT Datasheet HTML 49Page - STMicroelectronics L7292DT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Buck regulator description
L7292
46/60
DocID028601 Rev 1
In Table 24 are reported the quiescent current values: in the left column the case of all
regulators ON with no load, while the in right column the DSM condition.
During the DSM phase it is possible to enable/disable the regulators writing in the
REGCTRL register the proper enable bit. This allows the possibility to start the post DSM
phase with a different regulators setting. The DSM functionality is not enabled if POR is low.
11.11
Forced pull-down
When the regulator is disabled by a bit or forced by a POR the regulator switching node is
pulled down through a discharge MOSFET switch, in order to discharge the output voltage.
11.12
Voltage monitor
The voltage monitor of SUP is always enabled with the threshold as described in Table 9:
Voltage monitor and POR generator on page 14?. When a fault happens (2.7 V) the POR
signal is driven low, while the REGs are switched OFF only when the SUP voltage reaches
2.5 V.
The regulators voltage monitors are enabled only during the soft-start sequence until the
POR signal is asserted. After that, all PSRs voltage monitors are disabled and only “short-
circuit protection” is enabled.
11.13
Thermal protection
When die temperature reaches the overtemperature condition (> 150 °C) all the regulators
are automatically disabled, POR is asserted and the buck SW output pins are pulled low
through a discharge MOSFET switch. To avoid unstable conditions a 30 °C hysteresis is
applied. When the die temperature reaches the low threshold all the regulators start the
power up sequence following the default conditions.
Table 24. Quiescent current
Regulator
Quiescent current (no load) [
A]
DSM quiescent current (no load) [
A]
BUCK1
20
0
BUCK2
20
0
BUCK3
20
20
BUCK4
20
0
BUCK5
20
0
BIAS
75
40
TOT.
175
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com