Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6986TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # R6986TR
Description  38 V, 2 A synchronous step-down switching regulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R6986TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button R6986TR Datasheet HTML 48Page - STMicroelectronics R6986TR Datasheet HTML 49Page - STMicroelectronics R6986TR Datasheet HTML 50Page - STMicroelectronics R6986TR Datasheet HTML 51Page - STMicroelectronics R6986TR Datasheet HTML 52Page - STMicroelectronics R6986TR Datasheet HTML 53Page - STMicroelectronics R6986TR Datasheet HTML 54Page - STMicroelectronics R6986TR Datasheet HTML 55Page - STMicroelectronics R6986TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
Efficiency curves
R6986
52/62
DocID026996 Rev 2
8
Efficiency curves
Figure 38. Efficiency curves over fsw: VIN = 13.5 V - VOUT = 3.3 V
Figure 39. Efficiency curves over fsw: VIN = 13.5 V - VOUT = 3.3 V (log scale)
60
65
70
75
80
85
90
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VIN=13.5V VOUT=3.3V A6986 500kHz VBIAS PSKIP
VIN=13.5V VOUT=3.3VA6986 500kHz NOVBIAS PSKIP
VIN=13.5V VOUT=3.3V A6986 500kHz NOVBIAS NOPSKIP
VIN=13.5V VOUT=3.3V A6986 500kHz VBIAS NOPSKIP
VIN=13.5V VOUT=3.3V 1MHz VBIAS PSKIP
VIN=13.5V VOUT=3.3V 1MHz NOVBIAS PSKIP
VIN=13.5V VOUT=3.3V 1MHz NOVBIAS NOPSKIP
VIN=13.5V VOUT=3.3V 1MHz VBIAS NOPSKIP
VIN=13.5V VOUT=3.3V 2MHz VBIAS NOSPKIP
VIN=13.5V VOUT=3.3V 2MHz NOVBIAS NOSPKIP
VIN=13.5V VOUT=3.3V 2MHz NOVBIAS SPKIP
VIN=13.5V VOUT=3.3V 2MHz VBIAS SPKIP
60
65
70
75
80
85
90
0.0015
0.015
0.15
VIN=13.5V VOUT=3.3V A6986 500kHz VBIAS PSKIP
VIN=13.5V VOUT=3.3VA6986 500kHz NOVBIAS PSKIP
VIN=13.5V VOUT=3.3V A6986 500kHz NOVBIAS NOPSKIP
VIN=13.5V VOUT=3.3V A6986 500kHz VBIAS NOPSKIP
VIN=13.5V VOUT=3.3V 1MHz VBIAS PSKIP
VIN=13.5V VOUT=3.3V 1MHz NOVBIAS PSKIP
VIN=13.5V VOUT=3.3V 1MHz NOVBIAS NOPSKIP
VIN=13.5V VOUT=3.3V 1MHz VBIAS NOPSKIP
VIN=13.5V VOUT=3.3V 2MHz VBIAS NOSPKIP
VIN=13.5V VOUT=3.3V 2MHz NOVBIAS NOSPKIP
VIN=13.5V VOUT=3.3V 2MHz NOVBIAS SPKIP
VIN=13.5V VOUT=3.3V 2MHz VBIAS SPKIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com