Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6986TR Datasheet(PDF) 46 Page - STMicroelectronics

Part # R6986TR
Description  38 V, 2 A synchronous step-down switching regulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R6986TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button R6986TR Datasheet HTML 42Page - STMicroelectronics R6986TR Datasheet HTML 43Page - STMicroelectronics R6986TR Datasheet HTML 44Page - STMicroelectronics R6986TR Datasheet HTML 45Page - STMicroelectronics R6986TR Datasheet HTML 46Page - STMicroelectronics R6986TR Datasheet HTML 47Page - STMicroelectronics R6986TR Datasheet HTML 48Page - STMicroelectronics R6986TR Datasheet HTML 49Page - STMicroelectronics R6986TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Application notes
R6986
46/62
DocID026996 Rev 2
Multiple R6986 can be synchronized to an external frequency signal fed to the SYNCH pin.
In this case the set is phased to the reference and all the devices will work with 0° phase
shift.
The frequency range of the synchronization signal is 275 kHz - 2 MHz and the minimum
pulse width is 100 nsec (see Figure 34).
Figure 34. Synchronization pulse definition
Since the slope compensation contribution, that is required to prevent subharmonic
oscillations in peak current mode architecture, depends on the switching frequency, it is
important to select the same switching frequency for all regulators (all of them operate as
SLAVE) one step lower than the reference signal (please refer to Table 6: fSW selection on
page 11). As a consequence, all the regulators have the same resistor connected to the
FSW pin , so the slope compensation is optimized accordingly with the frequency of the
synchronization signal. The slope compensation contribution is latched at power-up and so
fixed during the device operation.
The R6986 normally operates in MASTER mode, driving the SYNCH line at the selected
oscillator frequency as shown in Figure 35 and Figure 36.
In SLAVE mode the R6986 sets the internal oscillator at 250 kHz typ. (see Table 6 on
page 11 - first row) and drives the line accordingly.
Figure 35. R6986 synchronization driving capability
In order to safely guarantee that each regulator recognizes itself in SLAVE mode during the
normal operation, the external master must drive the SYNCH pin with a clock signal
fSYNCHRO
100nsec min.
275kHz < fSYNCHRO < 2MHz
fSYNCHRO
100nsec min.
VCC INT
5 mA
0.7 mA
fOSC
150nsec typ.
HIGH LEVEL
LOW LEVEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com