Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6986TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # R6986TR
Description  38 V, 2 A synchronous step-down switching regulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R6986TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button R6986TR Datasheet HTML 4Page - STMicroelectronics R6986TR Datasheet HTML 5Page - STMicroelectronics R6986TR Datasheet HTML 6Page - STMicroelectronics R6986TR Datasheet HTML 7Page - STMicroelectronics R6986TR Datasheet HTML 8Page - STMicroelectronics R6986TR Datasheet HTML 9Page - STMicroelectronics R6986TR Datasheet HTML 10Page - STMicroelectronics R6986TR Datasheet HTML 11Page - STMicroelectronics R6986TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Electrical characteristics
R6986
8/62
DocID026996 Rev 2
3
Electrical characteristics
TJ = -40 to 135 °C, VIN = 12 V unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Note Min. Typ. Max. Unit
VIN
Operating input voltage range
4
38
V
VINH
VCC UVLO rising threshold
2.7
3.5
VINL
VCC UVLO falling threshold
2.5
3.5
IPK
Peak current limit
Duty cycle < 40%
2.6
A
Duty cycle = 100%
closed loop operation
2.1
IVY
Valley current limit
2.7
ISKIP
Skip current limit
(1)
0.6
0.8
IVY_SNK Reverse current limit
LNM or VOUT overvoltage
0.5
1
2
RDSON HS High-side RDSON
ISW = 1 A
0.18
0.36
0
RDSON LS Low-side RDSON
ISW = 1 A
0.15
0.30
0
fSW
Selected switching frequency FSW pinstrapping before SS
see Table 6: fSW
selection
IFSW
FSW biasing current
SS ended
0
500
nA
LCM/LNM
Low noise mode /
Low consumption mode
selection
MLF pinstrapping before SS
see Table 7: LNM / LCM
selection on page 12
IMLF
MLF biasing current
SS ended
0
500
nA
D
Duty cycle
(2)
0100
%
TON MIN Minimum On time
100
ns
VCC regulator
VCC
LDO output voltage
VBIAS = GND (no switchover)
2.9
3.3
3.6
V
VBIAS = 5 V (switchover)
2.9
3.3
3.6
SWO
VBIAS threshold
Switch internal supply from VIN to
VBIAS
2.85
3.2
Switch internal supply from VBIAS to
VIN
2.8
3.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com