Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5CFQY Datasheet(PDF) 91 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 91 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 87Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 88Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 89Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 90Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 91Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 92Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 93Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 94Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 137 page
background image
DocID026934 Rev 1
91/137
RPC56EL60L5
Electrical characteristics
136
3.7
Static latch-up (LU)
Two complementary static tests are required on six parts to assess the latch-up
performance:
A supply overvoltage is applied to each power supply pin.
A current injection is applied to each input, output and configurable I/O pin.
These tests are compliant with the EIA/JESD 78 IC latch-up standard.
3.8
Voltage regulator electrical characteristics
The voltage regulator is composed of the following blocks:
High power regulator HPREG1 (internal ballast to support core current)
High power regulator HPREG2 (external NPN to support core current)
Low voltage detector (LVD_MAIN_1) for 3.3 V supply to IO (VDDIO)
Low voltage detector (LVD_MAIN_2) for 3.3 V supply (VDDREG)
Low voltage detector (LVD_MAIN_3) for 3.3 V flash supply (VDDFLASH)
Low voltage detector (LVD_DIG_MAIN) for 1.2 V digital core supply (HPVDD)
Low voltage detector (LVD_DIG_BKUP) for the self-test of LVD_DIG_MAIN
High voltage detector (HVD_DIG_MAIN) for 1.2 V digital CORE supply (HPVDD)
High voltage detector (HVD_DIG_BKUP) for the self-test of HVD_DIG_MAIN.
Power on Reset (POR)
HPREG1 uses an internal ballast to support the core current. HPREG2 is used only when
external NPN transistor is present on board to supply core current. The RPC56EL60L5
always powers up using HPREG1 if an external NPN transistor is present. Then the
RPC56EL60L5 makes a transition from HPREG1 to HPREG2. This transition is dynamic.
Once HPREG2 is fully operational, the controller part of HPREG1 is switched off.
3VESD(CDM)
SR
Electrostatic discharge
(Charged Device Model)
TA = 25 °C
conforming to AEC-Q100-011
C3A
500
V
750 (corners)
1.
All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2.
A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device specification
requirements. Complete DC parametric and functional testing shall be performed per applicable device specification at
room temperature followed by hot temperature, unless specified otherwise in the device specification.
3.
Data based on characterization results, not tested in production.
Table 14. ESD ratings(1), (2) (continued)
No
.
Symbol
Parameter
Conditions
Clas
s
Max value(3)
Unit
Table 15. Latch-up results
No.
Symbol
Parameter
Conditions
Class
1
LU
SR
Static latch-up class
TA = 125 °C conforming to JESD 78
II level A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com