Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5CFQY Datasheet(PDF) 21 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 17Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 18Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 19Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 20Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 21Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 22Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 23Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 24Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
DocID026934 Rev 1
21/137
RPC56EL60L5
Introduction
136
The RC oscillator provides these features:
Nominal frequency 16 MHz
±5% variation over voltage and temperature after process trim
Clock output of the RC oscillator serves as system clock source in case loss of lock or
loss of clock is detected by the FMPLL
RC oscillator is used as the default system clock during startup and can be used as
back-up input source of FMPLL(s) in case XOSC fails
1.5.17
Clock, reset, power, mode and test control modules (MC_CGM,
MC_RGM, MC_PCU, and MC_ME)
These modules provide the following:
Clock gating and clock distribution control
Halt, stop mode control
Flexible configurable system and auxiliary clock dividers
Various execution modes
–
HALT and STOP mode as reduced activity low power mode
–
Reset, Idle, Test, Safe
–
Various RUN modes with software selectable powered modules
–
No stand-by mode implemented (no internal switchable power domains)
1.5.18
Periodic Interrupt Timer Module (PIT)
The PIT module implements the following features:
4 general purpose interrupt timers
32-bit counter resolution
Can be used for software tick or DMA trigger operation
1.5.19
System Timer Module (STM)
The STM implements the following features:
Up-counter with 4 output compare registers
OS task protection and hardware tick implementation per AUTOSAR(a) requirement
The STM is replicated for each processor.
1.5.20
Software Watchdog Timer (SWT)
This module implements the following features:
Fault tolerant output
Safe internal RC oscillator as reference clock
Windowed watchdog
Program flow control monitor with 16-bit pseudorandom key generation
Allows a high level of safety (SIL3 monitor)
a.
Automotive Open System Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com