Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5CFQY Datasheet(PDF) 29 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 29 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 25Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 26Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 27Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 28Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 29Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 30Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 31Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 32Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 137 page
background image
DocID026934 Rev 1
29/137
RPC56EL60L5
Introduction
136
The CTU implements the following features:
Cross triggering between ADC, FlexPWM, eTimer, and external pins
Double buffered trigger generation unit with as many as 8 independent triggers
generated from external triggers
Maximum operating frequency less than or equal to 120 MHz
Trigger generation unit configurable in sequential mode or in triggered mode
Trigger delay unit to compensate the delay of external low pass filter
Double buffered global trigger unit allowing eTimer synchronization and/or ADC
command generation
Double buffered ADC command list pointers to minimize ADC-trigger unit update
Double buffered ADC conversion command list with as many as 24 ADC commands
Each trigger capable of generating consecutive commands
ADC conversion command allows control of ADC channel from each ADC, single or
synchronous sampling, independent result queue selection
DMA support with safety features
1.5.35
Cyclic Redundancy Checker (CRC) Unit
The CRC module is a configurable multiple data flow unit to compute CRC signatures on
data written to its input register.
The CRC unit has the following features:
3 sets of registers to allow 3 concurrent contexts with possibly different CRC
computations, each with a selectable polynomial and seed
Computes 16- or 32-bit wide CRC on the fly (single-cycle computation) and stores
result in internal register.
The following standard CRC polynomials are implemented:
–
x8 + x4 + x3 + x2 + 1 [8-bit CRC]
–
x16 + x12 + x5 + 1 [16-bit CRC-CCITT]
–
x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1
[32-bit CRC-ethernet(32)]
Key engine to be coupled with communication periphery where CRC application is
added to allow implementation of safe communication protocol
Offloads core from cycle-consuming CRC and helps checking configuration signature
for safe start-up or periodic procedures
CRC unit connected as peripheral bus on internal peripheral bus
DMA support
1.5.36
Redundancy Control and Checker Unit (RCCU)
The RCCU checks all outputs of the sphere of replication (addresses, data, control signals).
It has the following features:
Duplicated module to guarantee highest possible diagnostic coverage (check of
checker)
Multiple times replicated IPs are used as checkers on the SoR outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com