Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5COSY Datasheet(PDF) 93 Page - STMicroelectronics

Part # RPC564L60L5COSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSY Datasheet(HTML) 93 Page - STMicroelectronics

Back Button RPC564L60L5COSY Datasheet HTML 89Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 90Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 91Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 92Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 93Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 94Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 95Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 96Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 137 page
background image
DocID026934 Rev 1
93/137
RPC56EL60L5
Electrical characteristics
136
—
Main High Voltage
Power - Low Voltage
Detection, upper
threshold
——
—
2.93
V
—D
Main supply low
voltage detector, lower
threshold
—2.6
—
—
V
—D
Digital supply high
voltage detector upper
threshold
Before a destructive
reset initialization
phase completion
1.355
—
1.495
V
After a destructive reset
initialization phase
completion
1.39
—
1.47
—D
Digital supply high
voltage detector lower
threshold
Before a destructive
reset initialization
phase completion
1.315
—
1.455
V
After a destructive reset
initialization phase
completion
1.35
—
1.38
—D
Digital supply low
voltage detector lower
threshold
After a destructive reset
initialization phase
completion
1.080
—
1.140
V
—D
Digital supply low
voltage detector upper
threshold
After a destructive reset
initialization phase
completion
1.16
—
1.22
V
—D
Digital supply low
voltage detector lower
threshold
Before a destructive
reset initialization
phase
1.080
—
1.226
V
—D
Digital supply low
voltage detector upper
threshold
Before a destructive
reset initialization
phase
1.160
—
1.306
V
—D
POR rising/ falling
supply threshold
voltage
—
1.6
—
2.6
V
Table 17. Voltage regulator electrical specifications (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com