Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5COSY Datasheet(PDF) 100 Page - STMicroelectronics

Part # RPC564L60L5COSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSY Datasheet(HTML) 100 Page - STMicroelectronics

Back Button RPC564L60L5COSY Datasheet HTML 96Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 97Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 98Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 99Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 100Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 101Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 102Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 103Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 137 page
background image
Electrical characteristics
RPC56EL60L5
100/137
DocID026934 Rev 1
Figure 6. Main oscillator electrical characteristics
x×
VXOSCHSOP
TXOSCHSSU
VXTAL
VXOSCHS
valid internal clock
90%
10%
1/fXOSCHS
MTRANS
1
0
Table 21. Main oscillator electrical characteristics
Symbol
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
fXOSCHS
S
R
Oscillator frequency
—
4.0
—
40.0
MHz
gmXOSCHS
P
Oscillator
transconductance
VDD = 3.3 V ±10%
4.5
—
13.25
mA/V
VXOSCHS
D
Oscillation amplitude
fOSC = 4, 8, 10, 12, 16 MHz
1.3
—
—
V
fOSC = 40 MHz
1.1
—
—
VXOSCHSOP D
Oscillation operating
point
—
—
0.82
—
V
TXOSCHSSU
T
Oscillator start-up time
fOSC = 4, 8, 10, 12 MHz
(2)
——
6
ms
fOSC = 16, 40 MHz
(2)
——
2
VIH
S
R
Input high level CMOS
Schmitt Trigger
Oscillator bypass mode
0.65 × VD
D
—VDD + 0.4
V
VIL
S
R
Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
–0.4
—
0.35 × VD
D
V
1.
VDD = 3.3 V ±10%, TJ = –40 to +150 °C, unless otherwise specified.
2.
The recommended configuration for maximizing the oscillator margin are:
XOSC_MARGIN = 0 for 4 MHz quartz
XOSC_MARGIN = 1 for 8/16/40 MHz quartz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com