Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5COSY Datasheet(PDF) 11 Page - STMicroelectronics

Part # RPC564L60L5COSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSY Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RPC564L60L5COSY Datasheet HTML 7Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 8Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 9Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 10Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 11Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 12Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 13Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 14Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
DocID026934 Rev 1
11/137
RPC56EL60L5
Introduction
136
High-performance e200z4d dual core
–
32-bit Power Architecture® technology CPU
–
Core frequency as high as 120 MHz
–
Dual issue five-stage pipeline core
–
Variable Length Encoding (VLE)
–
Memory Management Unit (MMU)
–
4 KB instruction cache with error detection code
–
Signal processing engine (SPE)
Memory available
–
1 MB flash memory with ECC
–
128 KB on-chip SRAM with ECC
–
Built-in RWW capabilities for EEPROM emulation
SIL3/ASILD innovative safety concept: LockStep mode and Fail-safe protection
–
Sphere of replication (SoR) for key components (such as CPU core, eDMA,
crossbar switch)
–
Fault collection and control unit (FCCU)
–
Redundancy control and checker unit (RCCU) on outputs of the SoR connected to
FCCU
–
Boot-time Built-In Self-Test for Memory (MBIST) and Logic (LBIST) triggered by
hardware
–
Boot-time Built-In Self-Test for ADC and flash memory triggered by software
–
Replicated safety enhanced watchdog
–
Replicated junction temperature sensor
–
Non-maskable interrupt (NMI)
–
16-region memory protection unit (MPU)
–
Clock monitoring units (CMU)
–
Power management unit (PMU)
–
Cyclic redundancy check (CRC) unit
Decoupled Parallel mode for high-performance use of replicated cores
Nexus Class 3+ interface
Interrupts
–
Replicated 16-priority controller
–
Replicated 16-channel eDMA controller
GPIOs individually programmable as input, output or special function
Three 6-channel general-purpose eTimer units
2 FlexPWM units
–
Four 16-bit channels per module
Communications interfaces
–
2 LINFlexD channels
–
3 DSPI channels with automatic chip select generation
–
2 FlexCAN interfaces (2.0B Active) with 32 message objects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com