Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP742R Datasheet HTML 1Page - Infineon Technologies AG BSP742R Datasheet HTML 2Page - Infineon Technologies AG BSP742R Datasheet HTML 3Page - Infineon Technologies AG BSP742R Datasheet HTML 4Page - Infineon Technologies AG BSP742R Datasheet HTML 5Page - Infineon Technologies AG BSP742R Datasheet HTML 6Page - Infineon Technologies AG BSP742R Datasheet HTML 7Page - Infineon Technologies AG BSP742R Datasheet HTML 8Page - Infineon Technologies AG BSP742R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2004-03-16
Page 1
BSP 742 R
Smart Power High-Side-Switch
Product Summary
Overvoltage protection
Vbb(AZ)
41
V
Operating voltage
Vbb(on) 5...34 V
On-state resistance
RON
350
m
Ω
Nominal load current
IL(nom)
0.4
A
Features
• Overload protection
• Current limitation
• Short circuit protection
• Thermal shutdown with restart
• Overvoltage protection (including load dump)
• Fast demagnetization of inductive loads
• Reverse battery protection with external resistor
• Open drain diagnostic output
• Open load detection in OFF - State
• CMOS compatible input
• Loss of GND and loss of Vbb protection
• ESD - Protection
• Very low standby current
Application
• All types of resistive, inductive and capacitive loads
• µC compatible power switch for 12 V and 24 V DC applications
• Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input
and diagnostic feedback, monolithically integrated in Smart SIPMOS  technology.
Providing embedded protective functions.


Similar Part No. - BSP742R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP742R INFINEON-BSP742R Datasheet
362Kb / 19P
Smart High-Side Power Switch
V1.3, 2008-02-06
BSP742RI INFINEON-BSP742RI Datasheet
376Kb / 17P
Smart Power High-Side-Switch
2004-03-16
BSP742RI INFINEON-BSP742RI Datasheet
278Kb / 18P
Smart High-Side Power Switch
V1.1, 2007-05-29
BSP742RI INFINEON-BSP742RI_07 Datasheet
278Kb / 18P
Smart High-Side Power Switch
V1.1, 2007-05-29
BSP742R INFINEON-BSP742R_08 Datasheet
362Kb / 19P
Smart High-Side Power Switch
V1.3, 2008-02-06
More results

Similar Description - BSP742R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP742RI INFINEON-BSP742RI Datasheet
376Kb / 17P
Smart Power High-Side-Switch
2004-03-16
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com