Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742R Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BSP742R Datasheet HTML 8Page - Infineon Technologies AG BSP742R Datasheet HTML 9Page - Infineon Technologies AG BSP742R Datasheet HTML 10Page - Infineon Technologies AG BSP742R Datasheet HTML 11Page - Infineon Technologies AG BSP742R Datasheet HTML 12Page - Infineon Technologies AG BSP742R Datasheet HTML 13Page - Infineon Technologies AG BSP742R Datasheet HTML 14Page - Infineon Technologies AG BSP742R Datasheet HTML 15Page - Infineon Technologies AG BSP742R Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2004-03-16
Page 12
BSP 742 R
Typ. leakage current
IL(off) = f(Tj) ; Vbb = 32V ; VIN = low
-40 -20
0
20
40
60
80 100 120
°C 160
Tj
0
1
2
3
4
µA
6
Typ. standby current
Ibb(off) = f(Tj) ; Vbb = 32V ; VIN = low
-40 -20
0
20
40
60
80 100 120
°C 160
Tj
0
2
4
6
8
10
µA
14
Typ. initial short circuit shutdown time
toff(SC) = f(Tj,start) ; Vbb = 20V
-40 -20
0
20
40
60
80 100 120 °C 160
Tj
0
20
40
60
80
ms
120
Typ. initial peak short circuit current limit
IL(SCp) = f(Tj) ; Vbb = 20V
-40 -20
0
20
40
60
80 100 120
°C 160
Tj
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com