Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742R Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP742R Datasheet HTML 1Page - Infineon Technologies AG BSP742R Datasheet HTML 2Page - Infineon Technologies AG BSP742R Datasheet HTML 3Page - Infineon Technologies AG BSP742R Datasheet HTML 4Page - Infineon Technologies AG BSP742R Datasheet HTML 5Page - Infineon Technologies AG BSP742R Datasheet HTML 6Page - Infineon Technologies AG BSP742R Datasheet HTML 7Page - Infineon Technologies AG BSP742R Datasheet HTML 8Page - Infineon Technologies AG BSP742R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2004-03-16
Page 2
BSP 742 R
Block Diagram
+ Vbb
IN
Signal GND
ESD
miniPROFET
OUT
GND
Logic
Voltage
source
Charge pump
Level shifter
Temperature
sensor
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
Load GND
Load
VLogic
Overvoltage
protection
ST
Pin
Symbol
Function
1
GND
Logic ground
2
IN
Input, activates the power switch in case of logic high signal
3
OUT
Output to the load
4
ST
Diagnostic feedback
5
Vbb
Positive power supply voltage
6
Vbb
Positive power supply voltage
7
Vbb
Positive power supply voltage
8
Vbb
Positive power supply voltage
Pin configuration
GND
1
•
8
Vbb
IN
2
7
Vbb
OUT
3
6
Vbb
ST
4
5
Vbb
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com