Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB80N4F6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB80N4F6AG
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80N4F6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STB80N4F6AG Datasheet HTML 1Page - STMicroelectronics STB80N4F6AG Datasheet HTML 2Page - STMicroelectronics STB80N4F6AG Datasheet HTML 3Page - STMicroelectronics STB80N4F6AG Datasheet HTML 4Page - STMicroelectronics STB80N4F6AG Datasheet HTML 5Page - STMicroelectronics STB80N4F6AG Datasheet HTML 6Page - STMicroelectronics STB80N4F6AG Datasheet HTML 7Page - STMicroelectronics STB80N4F6AG Datasheet HTML 8Page - STMicroelectronics STB80N4F6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2015
DocID027978 Rev 2
1/15
This is information on a product in full production.
www.st.com
STB80N4F6AG
Automotive-grade N-
Channel 40 V, 5.5 mΩ typ.,80 A
STripFET™ F6 Power MOSFET in a D²PAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STB80N4F6AG
40 V
6 mΩ
80 A
Designed for automotive applications and
AEC-Q101 qualified
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using the STripFET™ F6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packaging
STB80N4F6AG
80N4F6
D²PAK
Tape and Reel
1
3
TAB
D2PAK
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STB80N4F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80N20M5 STMICROELECTRONICS-STB80N20M5 Datasheet
935Kb / 14P
N-channel 200 V, 0.019 ohm, 61 A, TO-220, D2PAK
03-Jul-2010
logo
Inchange Semiconductor ...
STB80N20M5 ISC-STB80N20M5 Datasheet
324Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET™ POWER MOSFET
Feb-2003
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
405Kb / 13P
N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
25-Jul-2006
STB80NE03L-06-1 STMICROELECTRONICS-STB80NE03L-06-1 Datasheet
295Kb / 9P
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET™ POWER MOSFET
Feb-2003
More results

Similar Description - STB80N4F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
High avalanche ruggedness
February 2015 Rev 3
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
High avalanche ruggedness
27-Aug-2015
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com