Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB80N4F6AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB80N4F6AG
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80N4F6AG Datasheet(HTML) 4 Page - STMicroelectronics

  STB80N4F6AG Datasheet HTML 1Page - STMicroelectronics STB80N4F6AG Datasheet HTML 2Page - STMicroelectronics STB80N4F6AG Datasheet HTML 3Page - STMicroelectronics STB80N4F6AG Datasheet HTML 4Page - STMicroelectronics STB80N4F6AG Datasheet HTML 5Page - STMicroelectronics STB80N4F6AG Datasheet HTML 6Page - STMicroelectronics STB80N4F6AG Datasheet HTML 7Page - STMicroelectronics STB80N4F6AG Datasheet HTML 8Page - STMicroelectronics STB80N4F6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB80N4F6AG
4/15
DocID027978 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 4: On/Off States
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 250 µA
40
V
IDSS
Zero gate voltage drain current
(VGS= 0V)
VDS = 40 V
1
µA
VDS = 40 V
Tj = 125 °C
100
µA
IGSS
Gate-body leakage current
(VDS= 0 V)
VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID= 40 A
5.5
6
mΩ
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
2150
-
pF
Coss
Output capacitance
-
335
-
pF
Crss
Reverse transfer
capacitance
-
160
-
pF
Qg
Total gate charge
VDD = 20 V, ID = 80 A,
VGS = 10 V (see Figure 14:
"Test circuit for gate charge
behavior" )
-
36
-
nC
Qgs
Gate-source charge
-
11
-
nC
Qgd
Gate-drain charge
-
9
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 20 V, ID = 40 A RG = 4.7
Ω,
VGS = 10 V(see Figure 15: "Test
circuit for inductive load switching
and diode recovery times" )
-
10.5
-
ns
tr
Rise time
-
7.6
-
ns
td(off)
Turn-off-delay time
-
46.1
-
ns
tf
Fall time
-
11.9
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com