Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB80N4F6AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB80N4F6AG
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80N4F6AG Datasheet(HTML) 5 Page - STMicroelectronics

  STB80N4F6AG Datasheet HTML 1Page - STMicroelectronics STB80N4F6AG Datasheet HTML 2Page - STMicroelectronics STB80N4F6AG Datasheet HTML 3Page - STMicroelectronics STB80N4F6AG Datasheet HTML 4Page - STMicroelectronics STB80N4F6AG Datasheet HTML 5Page - STMicroelectronics STB80N4F6AG Datasheet HTML 6Page - STMicroelectronics STB80N4F6AG Datasheet HTML 7Page - STMicroelectronics STB80N4F6AG Datasheet HTML 8Page - STMicroelectronics STB80N4F6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STB80N4F6AG
Electrical characteristics
DocID027978 Rev 2
5/15
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source drain current
80
A
ISDM(1)
Source-drain current
(pulsed)
320
A
VSD(2)
Forward on voltage
ISD= 40 A, VGS= 0 V
1.3
V
trr
Reverse recovery time
ISD
= 80 A, di/dt = 100 A/μs,
VDD= 32 V
(See Figure 17: "Unclamped
inductive waveform")
41.1
ns
QRR
Reverse recovery charge
43.6
nC
IRRM
Reverse recovery current
2.1
A
Notes:
(1)Pulse width limited by safe operating area.
(2)Pulsed: pulse duration = 300 μs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com