Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCH02TR
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCH02TR Datasheet HTML 10Page - STMicroelectronics STCH02TR Datasheet HTML 11Page - STMicroelectronics STCH02TR Datasheet HTML 12Page - STMicroelectronics STCH02TR Datasheet HTML 13Page - STMicroelectronics STCH02TR Datasheet HTML 14Page - STMicroelectronics STCH02TR Datasheet HTML 15Page - STMicroelectronics STCH02TR Datasheet HTML 16Page - STMicroelectronics STCH02TR Datasheet HTML 17Page - STMicroelectronics STCH02TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Application information
STCH02
14/24
DocID028766 Rev 1
Please note that the maximum IZCD sunk/sourced current has to not exceed ± 3 mA
(AMR) in all the Vin range conditions (88 - 265 Vac). No capacitor is allowed between
the ZCD pin and the auxiliary winding of the transformer.
The switching frequency is top-limited below 260 kHz, as the converter's operating
frequency tends to increase excessively at the light-load and high input voltage.
A starter block is also used to start-up the system when the signal on the ZCD pin is not high
enough to trigger the MOSFET
After the first few cycles initiated by the starter, as the voltage developed across the auxiliary
winding becomes large enough to arm the ZCD circuit, MOSFET's turn-on will start to be
locked to transformer demagnetization, hence setting up the QR operation.
The starter is activated also when the IC is in the CC regulation and the output voltage is not
high enough to allow the ZCD triggering.
If the demagnetization completes - hence a negative-going edge appears on the ZCD pin -
after a time exceeding time TBLANK from the previous turn-on, the MOSFET will be turned
on again, with some delay to ensure minimum voltage at turn-on. If, instead, the negative-
going edge appears before TBLANK has elapsed, it will be ignored and only the first
negative-going edge after TBLANK will turn-on the MOSFET. In this way one or more drain
ringing cycles will be skipped (“valley-skipping mode”, Figure 7) and the switching frequency
will be prevented from exceeding 1/TBLANK.
Figure 7. Drain ringing cycle skipping as the load is progressively reduced
When the system operates in the valley-skipping mode, uneven switching cycles may be
observed under some line/load conditions, due to the fact that the OFF-time of the MOSFET
is allowed to change with discrete steps of one ringing cycle, while the OFF-time needed for
cycle-by-cycle energy balance may fall in between. Thus one or more longer switching
cycles will be compensated by one or more shorter cycles and vice versa. However, this
mechanism is absolutely normal and there is no appreciable effect on the performance of
the converter or on its output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com