Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STCH02TR
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STCH02TR Datasheet HTML 14Page - STMicroelectronics STCH02TR Datasheet HTML 15Page - STMicroelectronics STCH02TR Datasheet HTML 16Page - STMicroelectronics STCH02TR Datasheet HTML 17Page - STMicroelectronics STCH02TR Datasheet HTML 18Page - STMicroelectronics STCH02TR Datasheet HTML 19Page - STMicroelectronics STCH02TR Datasheet HTML 20Page - STMicroelectronics STCH02TR Datasheet HTML 21Page - STMicroelectronics STCH02TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application information
STCH02
18/24
DocID028766 Rev 1
3.9
Adaptive UVLO
A major problem when optimizing a converter for minimum no load consumption is that the
voltage generated by the auxiliary winding under these conditions falls considerably as
compared even to a few mA load. This very often causes the supply voltage VDD of the
control IC to drop and, as the self-supply is disabled during the burst mode, it can go below
the UVLO threshold so that the operation becomes intermittent, which is undesired.
Furthermore, this must be traded off against the need of generating a voltage not exceeding
the maximum allowed by the control IC at the full load but low enough to reduce the bias
losses as much as possible.
To help the designer to overcome this problem, the device besides reducing its own
consumption during the burst mode operation, also features a proprietary adaptive UVLO
function.
It consists of shifting the VDD-UVLO threshold downwards at the light-load, namely when the
voltage at the FB pin falls 65 mV below the burst mode threshold VFBB (0.6 V typ.), to have
more headroom.
To prevent any malfunction the normal threshold (9.5 V typ.) is re-established when the
voltage at the FB pin exceeds the exit burst mode threshold VFBF.
The normal UVLO threshold ensures that at full medium-heavy loads the MOSFET will be
driven with a proper gate to source voltage.
The mode of operation is reported in Figure 10.
3.10
Overvoltage protection
The overvoltage function of the STCH02 device monitors the voltage on the ZCD pin during
MOSFET's OFF-time, where the voltage generated by the auxiliary winding tracks
converter's output voltage. If the voltage applied to the pin exceeds an internal 2.5 V
reference, a comparator is triggered, an overvoltage condition is assumed and the device is
shut down.
Once RZCD is fixed by feedforward considerations (see Section 3.7: Voltage feedforward
block) it is possible to calculate the value of the ROVP resistor to activate the OVP protection
for a certain output voltage level, VOUT-OVP:
Equation 3
Where VOVP is the internal OVP threshold, NSEC and NAUX are the secondary and auxiliary
turn's number respectively.
To reduce sensitivity to noise and prevent the latch from being erroneously activated, the
OVP comparator must be triggered for four consecutive oscillator cycles before the STCH02
device is stopped. A counter, which is reset every time the OVP comparator is not triggered
in one oscillator cycle, is provided to this purpose.
Figure 11 illustrates the timing of the function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com