Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STCH02TR
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STCH02TR Datasheet HTML 11Page - STMicroelectronics STCH02TR Datasheet HTML 12Page - STMicroelectronics STCH02TR Datasheet HTML 13Page - STMicroelectronics STCH02TR Datasheet HTML 14Page - STMicroelectronics STCH02TR Datasheet HTML 15Page - STMicroelectronics STCH02TR Datasheet HTML 16Page - STMicroelectronics STCH02TR Datasheet HTML 17Page - STMicroelectronics STCH02TR Datasheet HTML 18Page - STMicroelectronics STCH02TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DocID028766 Rev 1
15/24
STCH02
Application information
24
3.5
Constant voltage operation
The device is specific for secondary feedback. The FB pin is connected to an optocoupler
which transmits the error signal from the regulation loop located on the secondary side of
the converter. Typically, a TS431 is used as a voltage reference.
The FB pin is driven directly by the phototransistor's collector to modulate the duty cycle.
The voltage coming from the FB pin is compared with the voltage across the sense resistor,
controlling the peak drain current cycle-by-cycle.
Figure 8. Voltage control principle: internal schematic
3.6
Constant current operation
The voltage of the auxiliary winding is fed into the internal CC block trough the ZCD pin to
achieve an output constant current regulation.
Equation 1 can be used to define to output current in CC mode.
Equation 1
This formula shows that the average output current does not depend anymore on the input
or the output voltage, neither on transformer inductance values. The external parameters
defining the output current are the transformer ratio and the sense resistor RSENSE. The
current loop gain KI is internally defined (see Table 5 on page 7).
S E N S E
I
S E C
P R I
O U T
R
2
K
N
N
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com