Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02-DR Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24M02-DR
Description  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24M02-DR Datasheet HTML 21Page - STMicroelectronics M24M02-DR Datasheet HTML 22Page - STMicroelectronics M24M02-DR Datasheet HTML 23Page - STMicroelectronics M24M02-DR Datasheet HTML 24Page - STMicroelectronics M24M02-DR Datasheet HTML 25Page - STMicroelectronics M24M02-DR Datasheet HTML 26Page - STMicroelectronics M24M02-DR Datasheet HTML 27Page - STMicroelectronics M24M02-DR Datasheet HTML 28Page - STMicroelectronics M24M02-DR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
DocID18204 Rev 8
25/38
M24M02-DR
DC and AC parameters
37
Table 10. Cycling performance
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle
endurance(1)
1. The write cycle endurance is defined for group of four bytes located at addresses [4*N, 4*N+1, 4*N+2,
4*N+3] where N is an integer. The Write cycle endurance is defined by characterization and qualification.
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4,000,000
Write cycle(2)
2. A Write cycle is executed when either a Page Write, a Byte write, a Write Identification Page or a Lock
Identification Page instruction is decoded. When using the Byte Write, the Page Write or the Write
Identification Page, refer also to Section 5.1.5: ECC (Error Correction Code) and Write cycling
TA = 85 °C, VCC(min) < VCC < VCC(max)
1,200,000
Table 11. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
1. For products identified by process letter K. The data retention behavior is checked in production, while the
200-year limit is defined from characterization and qualification results.
TA = 55 °C
200
Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com