Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02-DR Datasheet(PDF) 36 Page - STMicroelectronics

Part # M24M02-DR
Description  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M24M02-DR Datasheet HTML 30Page - STMicroelectronics M24M02-DR Datasheet HTML 31Page - STMicroelectronics M24M02-DR Datasheet HTML 32Page - STMicroelectronics M24M02-DR Datasheet HTML 33Page - STMicroelectronics M24M02-DR Datasheet HTML 34Page - STMicroelectronics M24M02-DR Datasheet HTML 35Page - STMicroelectronics M24M02-DR Datasheet HTML 36Page - STMicroelectronics M24M02-DR Datasheet HTML 37Page - STMicroelectronics M24M02-DR Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Revision history
M24M02-DR
36/38
DocID18204 Rev 8
11
Revision history
Table 18. Document revision history
Date
Revision
Changes
22-Dec-2010
1
Initial release.
09-Feb-2011
2
Updated:
– Section 3.18: Read Identification Page
– Section 3.19: Read the lock status
– Figure 2: SO8 connections
– Table 6: Absolute maximum ratings
– Table 10: Input parameters
– Table 11: DC characteristics
– Table 12: AC characteristics at 400 kHz
– Table 13: 1 MHz AC characteristics
Deleted:
– Table 15 “Available M24M02-x products (package, voltage range,
frequency, temperature grade)”.
09-Aug-2011
3
Updated Figure 5: Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I2C bus at maximum frequency fC = 1 MHz
and Table 11: DC characteristics.
07-Feb-2012
4
Updated:
– Table 2: Device select code
– Table 3: Most significant address byte
– Table 4: Least significant address byte.
– Section 3.6: Write operations
– Section 3.8: Page Write
25-Oct-2012
5
Updated document template and text (minor changes).
Cycling updated to 4 million cycles and data retention updated to
200 years.
Added WLCSP packages.
04-Jun-2013
6
Document reformatted.
Removed information related to thin WLCSP package.
Updated:
– WLCSP package silhouette on cover page
– Section 1: Description
– Figure 3: WLCSP connections
– Note (1) under Table 6: Absolute maximum ratings.
Added Figure 18: WLCSP- 8-bump, 3.556 x 2.011 mm, wafer level
chip scale package recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com