Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02-DR Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24M02-DR
Description  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24M02-DR Datasheet HTML 22Page - STMicroelectronics M24M02-DR Datasheet HTML 23Page - STMicroelectronics M24M02-DR Datasheet HTML 24Page - STMicroelectronics M24M02-DR Datasheet HTML 25Page - STMicroelectronics M24M02-DR Datasheet HTML 26Page - STMicroelectronics M24M02-DR Datasheet HTML 27Page - STMicroelectronics M24M02-DR Datasheet HTML 28Page - STMicroelectronics M24M02-DR Datasheet HTML 29Page - STMicroelectronics M24M02-DR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
DC and AC parameters
M24M02-DR
26/38
DocID18204 Rev 8
Table 12. DC characteristics
Symbol
Parameter
Test conditions (in addition to
those in Table 7 and Table 8)
Min.
Max.
Unit
ILI
Input leakage current
( E2, SCL, SDA)
VIN = VSS or VCC
device in Standby mode
-± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
VCC = 1.8 V, fc= 400 kHz
-
1
mA
VCC = 2.5 V, fc =400 kHz
-
1
mA
VCC = 5.5 V, fc =400 kHz
-
2
mA
1.8 V < VCC < 5.5 V, fc= 1 MHz
-
2.5
mA
ICC0
Supply current (Write)
Average value during tW,
1.8 V
≤ VCC ≤ 5.5 V
-2(1)
1. Characterized only, not tested in production.
mA
ICC1
Standby supply current
Device not selected(2),
VIN = VSS or VCC, VCC = 1.8 V
2. The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
-3
µA
Device not selected(2),
VIN = VSS or VCC, VCC = 2.5 V
-5
µA
Device not selected(2),
VIN = VSS or VCC, VCC = 5.5 V
-5
µA
VIL
Input low voltage
(SCL, SDA, WC)
1.8 V
≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 V
≤ VCC < 5.5 V
–0.45
0.30 VCC
V
VIH
Input high voltage
(SCL, SDA, WC)
1.8 V
≤ VCC < 2.5 V
0.75 VCC
VCC+1
V
2.5 V
≤ VCC < 5.5 V
0.70 VCC
VCC+1
VOL
Output low voltage
IOL = 1.0 mA, VCC = 1.8 V
-
0.2
V
IOL = 2.1 mA, VCC = 2.5 V
-
0.4
V
IOL = 3.0 mA, VCC = 5.5 V
-
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com