Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M35B32
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M35B32 Datasheet HTML 15Page - STMicroelectronics M35B32 Datasheet HTML 16Page - STMicroelectronics M35B32 Datasheet HTML 17Page - STMicroelectronics M35B32 Datasheet HTML 18Page - STMicroelectronics M35B32 Datasheet HTML 19Page - STMicroelectronics M35B32 Datasheet HTML 20Page - STMicroelectronics M35B32 Datasheet HTML 21Page - STMicroelectronics M35B32 Datasheet HTML 22Page - STMicroelectronics M35B32 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
DocID18391 Rev 4
19/44
M35B32
Instructions
43
6.4
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The
Status Register may be read at any time, even while a Program, Erase or Write cycle is in
progress. When one of these cycles is in progress, it is recommended to check the Write In
Progress (WIP) bit before sending a new instruction to the device. It is also possible to read
the Status Register continuously, as shown in Figure 10.
The value read by the RDSR instruction depends on the logical signal applied on the W
input pin:
•
if W=0: Status Register = [0, 0, 0, 0, 0, 0, WEL, WIP]
•
if W=1: Status Register = [0, 0, BP3, BP2, BP1, BP0, WEL, WIP]
The status bits of the Status Register are as follows:
6.4.1
WIP bit
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write, Program
or Erase cycle. When set to 1, such a cycle is in progress, when reset to 0 no such cycle is
in progress.
6.4.2
WEL bit
The WEL bit is set to 1 after decoding a WREN instruction. When the WEL bit is set to 1, a
Write, Program or Erase instruction is executed; when set to 0, a Write, Program or Erase
instruction is not executed.
The WEL bit is reset to 0 after the completion of a Write, Program or Erase instruction,
unless when /W is driven low when addressing the Event sector (see table4).
b7
b6
b5
b4
b3
b2
b1
b0
0
0
BP3
BP2
BP1
BP0
WEL(1)
1. WEL and WIP are volatile read-only bits (WEL is set and reset by specific instructions; WIP is
automatically set and reset by the internal logic of the device).
WIP(1)
EEPROM bits
RAM bits
Table 4. Value of the WEL bit after decoding a Page Write, Page Program, Page
Erase or Sector Erase instruction
Targeted M35B32 sector
W input = 0
W input = 1
Data sector: (16-N) pages(1)
1. N is defined with BPi bits and (0 < N < 15): Page = 256 bytes.
WEL is reset to 0
WEL is reset to 0
Event sector: N pages(1)
WEL is not reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com