Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M35B32
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M35B32 Datasheet HTML 21Page - STMicroelectronics M35B32 Datasheet HTML 22Page - STMicroelectronics M35B32 Datasheet HTML 23Page - STMicroelectronics M35B32 Datasheet HTML 24Page - STMicroelectronics M35B32 Datasheet HTML 25Page - STMicroelectronics M35B32 Datasheet HTML 26Page - STMicroelectronics M35B32 Datasheet HTML 27Page - STMicroelectronics M35B32 Datasheet HTML 28Page - STMicroelectronics M35B32 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DocID18391 Rev 4
25/44
M35B32
Instructions
43
6.8
Page Program (PP)
The Page Program instruction has be used when addressing erased bytes (see Note:
below).
The Page Program (PP) instruction allows bytes to be programmed in the memory
(changing bits from 1 to 0, only). Before it can be accepted, a Write Enable (WREN)
instruction must have been previously executed. (This sets the Write Enable Latch (WEL)
bit).
The Page Program (PP) instruction is entered by driving Chip Select (S) low, followed by the
instruction code, two address bytes and at least one data byte on Serial Data Input (D). The
transmitted data must NOT exceed the addressed page boundary as a wrap round would
corrupt the data from the start address of the same page. Chip Select (S) must be driven low
for the entire duration of the sequence.
The instruction sequence is shown in Figure 14.
Chip Select (S) must be driven high after the eighth bit of the last data byte has been latched
in, otherwise the Page Program (PP) instruction is not executed.
As soon as Chip Select (S) is driven high, the self-timed Page Program cycle is initiated.
The Page Program cycle lasts tPP when the Data sector is addressed, or tFP when the Event
sector is addressed. While the Page Program cycle is in progress, the Status Register may
be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP)
bit is at 1 during the self-timed Page Program cycle, and it is at 0 when the cycle is
completed. The Write Enable Latch (WEL) bit is also reset (or not) once the self-timed Page
Program cycle is complete, depending on the logical level applied on the W input pin and
the value of the decoded address, as shown in Table 4.
A Page Program (PP) instruction applied to a page that is Hardware Protected is not
executed.
Any Page Program (PP) instruction, while an Erase, Program or Write cycle is in progress,
is rejected without having any effects on the cycle that is in progress.
Note:
The Program instruction does not include an Erase cycle (unlike the Page Write instruction,
which includes two cycles: Erase+ Program). As a consequence, the Page Program
instruction has to be used only when pointing to locations which were previously erased.
In addition, as the M35B32 offers the ECC feature (see Section 6.9), it is important to check,
before programming data with the Page Program instruction, that the addressed bytes are
inside an erased area defined as a multiple of four bytes.
Example: to program data inside locations [003h-011h], the minimum erased area has to be
[000h-013h], because location 003h belongs to the four bytes [000h-003h] and location
011h belongs to the four bytes [010h-013h].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com