Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M35B32
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M35B32 Datasheet HTML 16Page - STMicroelectronics M35B32 Datasheet HTML 17Page - STMicroelectronics M35B32 Datasheet HTML 18Page - STMicroelectronics M35B32 Datasheet HTML 19Page - STMicroelectronics M35B32 Datasheet HTML 20Page - STMicroelectronics M35B32 Datasheet HTML 21Page - STMicroelectronics M35B32 Datasheet HTML 22Page - STMicroelectronics M35B32 Datasheet HTML 23Page - STMicroelectronics M35B32 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Instructions
M35B32
20/44
DocID18391 Rev 4
6.4.3
BPi bits
BPi bits define the size of the Event sector = N pages (one page = 256 bytes), where N is
the binary value of (BP3,BP2,BP1,BP0) (0 < N < 15).
BPi bits also define the size of the write-protected area.
Note:
1
The maximum size of the write-protected area is 15 pages (this means that the top page
cannot be write-protected).
2
When W=0, the BPi bits cannot be read and the Status Register is read as [0, 0, 0, 0, 0, 0,
WEL, WIP].
Figure 10. Read Status Register (RDSR) instruction sequence and data-out sequence
N
0123456
789
10
11
12
13
14
15
BPi 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com