Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS282Z Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS282Z
Description  Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS282Z Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS282Z Datasheet HTML 4Page - Infineon Technologies AG BTS282Z Datasheet HTML 5Page - Infineon Technologies AG BTS282Z Datasheet HTML 6Page - Infineon Technologies AG BTS282Z Datasheet HTML 7Page - Infineon Technologies AG BTS282Z Datasheet HTML 8Page - Infineon Technologies AG BTS282Z Datasheet HTML 9Page - Infineon Technologies AG BTS282Z Datasheet HTML 10Page - Infineon Technologies AG BTS282Z Datasheet HTML 11Page - Infineon Technologies AG BTS282Z Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2000-09-11
9
BTS 282 Z
9 Typ. transfer characteristics
ID = f(VGS); VDS = 12V; Tj = 25°C
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
VGS
0
10
20
30
40
50
60
70
80
90
100
110
120
A
150
10 Typ. input threshold voltage
VGS(th) = f(Tj); VDS=VGS
Parameter: ID
-50
-25
0
25
50
75
100 125 °C
175
Tj
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
2.4
240µA
2.4mA
24mA
240mA
11 Typ. capacitances
C
= f(VDS); VGS=0 V, f=1 MHz
0
5
10
15
20
25
30
V
40
VDS
-1
10
0
10
1
10
2
10
nF
Ciss
Coss
Crss
12 Typ. reverse diode forward
charcteristics IF = f(VSD)
tp = 80µs (spread); Parameter: Tj
0.0
0.2
0.4
0.6
0.8
1.0
V
1.4
VSD
-1
10
0
10
1
10
2
10
3
10
A
150°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com