Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS282Z Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS282Z
Description  Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS282Z Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS282Z Datasheet HTML 4Page - Infineon Technologies AG BTS282Z Datasheet HTML 5Page - Infineon Technologies AG BTS282Z Datasheet HTML 6Page - Infineon Technologies AG BTS282Z Datasheet HTML 7Page - Infineon Technologies AG BTS282Z Datasheet HTML 8Page - Infineon Technologies AG BTS282Z Datasheet HTML 9Page - Infineon Technologies AG BTS282Z Datasheet HTML 10Page - Infineon Technologies AG BTS282Z Datasheet HTML 11Page - Infineon Technologies AG BTS282Z Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2000-09-11
10
BTS 282 Z
13 Typ. gate charge
VGS = f(QGate)
Parameter: ID puls = 80 A
0
40
80
120
160
nC
240
QGate
0
2
4
6
8
10
12
V
16
BTS 282 Z
0,8 VDS max
DS max
V
0,2
14 Drain-source break down voltage
V(BR)DSS = f(Tj)
-50
-25
0
25
50
75
100 125 °C
175
Tj
45
46
47
48
49
50
51
52
53
54
55
56
V
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com