Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS282Z Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS282Z
Description  Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS282Z Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS282Z Datasheet HTML 1Page - Infineon Technologies AG BTS282Z Datasheet HTML 2Page - Infineon Technologies AG BTS282Z Datasheet HTML 3Page - Infineon Technologies AG BTS282Z Datasheet HTML 4Page - Infineon Technologies AG BTS282Z Datasheet HTML 5Page - Infineon Technologies AG BTS282Z Datasheet HTML 6Page - Infineon Technologies AG BTS282Z Datasheet HTML 7Page - Infineon Technologies AG BTS282Z Datasheet HTML 8Page - Infineon Technologies AG BTS282Z Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000-09-11
2
BTS 282 Z
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain source voltage
VDS
49
V
Drain-gate voltage
, RGS = 20 k
V
DGR
49
Gate source voltage
VGS
20
Nominal load current (ISO 10483)
VGS = 4.5 V, VDS 0.5 V, TC = 85 °C
VGS = 10 V, VDS 0.5 V, TC = 85 °C
ID(ISO)
36
52
A
Continuous drain current 1)
TC = 100 °C, VGS = 4.5V
ID
80
Pulsed drain current
ID puls
320
Avalanche energy, single pulse
ID = 36 A, RGS = 25 
EAS
2
J
Power dissipation
TC = 25 °C
Ptot
300
W
Operating temperature 2)
Tj
-40 ...+175
°C
Peak temperature ( single event )
Tjpeak
200
Storage temperature
Tstg
-55 ... +150
DIN humidity category, DIN 40 040
E
IEC climatic category; DIN IEC 68-1
40/150/56
1current limited by bond wire
2Note: Thermal trip temperature of temperature sensor is below 175°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com