Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SEA05
Description  Advanced constant voltage and constant current controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SEA05 Datasheet HTML 2Page - STMicroelectronics SEA05 Datasheet HTML 3Page - STMicroelectronics SEA05 Datasheet HTML 4Page - STMicroelectronics SEA05 Datasheet HTML 5Page - STMicroelectronics SEA05 Datasheet HTML 6Page - STMicroelectronics SEA05 Datasheet HTML 7Page - STMicroelectronics SEA05 Datasheet HTML 8Page - STMicroelectronics SEA05 Datasheet HTML 9Page - STMicroelectronics SEA05 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SEA05
Compensation
Doc ID 17014 Rev 1
7/10
Vcsth threshold is achieved internally by a voltage divider tied to an internal voltage
reference. Its middle point is tied to the positive input of the current control operational
amplifier, and its foot has to be connected to lower potential point of the sense resistor as
shown in Figure 4. The resistors of this voltage divider are matched to provide the best
possible precision. The current sinking outputs of the two trans-conductance operational
amplifiers are common (to the output of the IC). This makes an ORing function which
ensures that whenever the current or the voltage reaches too high values, the optocoupler is
activated.
The relation between the controlled current and the controlled output voltage can be
described with a square characteristic as shown in the following V/I output-power graph.
(with power supply of the device independent from the output voltage)
Figure 5.
Output voltage versus output current
7
Compensation
The voltage control trans-conductance operational amplifier can be fully compensated. Both
of its output and negative input are directly accessible for external compensation
components as shown in Figure 4.
V
Io
Voltage regulation
Current regulation
(Vcc of the device independent from output voltage)
Vo
Io
Voltage regulation
Current regulation
(Vcc of the device independent from output voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com