Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SEA05
Description  Advanced constant voltage and constant current controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05 Datasheet(HTML) 4 Page - STMicroelectronics

  SEA05 Datasheet HTML 1Page - STMicroelectronics SEA05 Datasheet HTML 2Page - STMicroelectronics SEA05 Datasheet HTML 3Page - STMicroelectronics SEA05 Datasheet HTML 4Page - STMicroelectronics SEA05 Datasheet HTML 5Page - STMicroelectronics SEA05 Datasheet HTML 6Page - STMicroelectronics SEA05 Datasheet HTML 7Page - STMicroelectronics SEA05 Datasheet HTML 8Page - STMicroelectronics SEA05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
SEA05
4/10
Doc ID 17014 Rev 1
4
Electrical characteristics
-25 °C <TJ < 125 °C, VCC = 20 V; unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Device supply
Vcc
Voltage operating range
3.5
36
V
Icc
Quiescent current (Ictrl =I
sense = 0 V, OUT = open)
200
300
µA
Voltage control loop op-amp
Gmv
Transconductance
(sink current only) (1)
1.
If the voltage on Vctrl (the negative input of the amplifier) is higher than the positive amplifier input, and it is
increased by 1 mV, the sinking current at the output OUT is increased by 3.5 mA.
13.5
S
Vctrl
Voltage reference default
value (2)
2.
The internal voltage reference is set at 2.5 V. The voltage control loop precision takes into account the
cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the
transconductance operational amplifier. The internal Voltage Reference is fixed by bandgap, and trimmed
to 0.48 % accuracy at room temperature.
TJ = 25 °C
2.488
2.5
2.512
V
2.48
2.52
Ibias
Inverting input bias current
25
nA
Current control loop
Gmi
Transconductance
(sink current only) (3)
3.
When the positive input at Ictrl is lower than -50 mV, and the voltage is decreased by 1 mV, the sinking
current at the output out is increased by 7 mA.
1.5
7
S
Vcsth
Current sense threshold
Vcsth = V(Isense)-V(Ictrl)
(4)@ I
(Iout) = 1 mA
4.
Considering Ictrl pin directly connected to the hot (negative) end of the current sense resistor and Isense
pin connected to the cold end of the current sense resistor through a decoupling resistor (see fig.3), the
internal current sense threshold is triggered when the voltage on pin Ictrl is -50 mV. The current loop
reference precision takes into account the cumulative effects of the internal voltage reference deviation as
well as the input offset voltage of the transconductance operational amplifier.
46
50
54
mV
Ibias
Non-inverting input source
current @ V(Ictrl) = -50 mV
6µA
Output stage
VOUTlow
Low output level @ 2 mA
sink current
200
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com