Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SEA05
Description  Advanced constant voltage and constant current controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05 Datasheet(HTML) 3 Page - STMicroelectronics

  SEA05 Datasheet HTML 1Page - STMicroelectronics SEA05 Datasheet HTML 2Page - STMicroelectronics SEA05 Datasheet HTML 3Page - STMicroelectronics SEA05 Datasheet HTML 4Page - STMicroelectronics SEA05 Datasheet HTML 5Page - STMicroelectronics SEA05 Datasheet HTML 6Page - STMicroelectronics SEA05 Datasheet HTML 7Page - STMicroelectronics SEA05 Datasheet HTML 8Page - STMicroelectronics SEA05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SEA05
Maximum ratings
Doc ID 17014 Rev 1
3/10
2
Maximum ratings
3
Typical application schematic
Figure 3.
Typical application schematic
Table 3.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
Vcc
6
Dc supply voltage
-0.3 to 38
V
Vout
5
Open-drain voltage
-0.3 to Vcc
V
Iout
5
Max sink current
20
mA
Ictrl
4
Analog input
-0.3 to Vcc
V
Isense
1
Analog input
-0.3 to 3.3
V
Vctrl
3
Analog input
-0.3 to 3.3
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance, junction-to-ambient
250
°C/W
Tjop
Junction temperature operating range
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
Vcsth
Vo
+
-
+
-
1.23 V
2.5 V
0 V
1
4
5
3
2
6
Ictrl
Isense
Gnd
Vctrl
Out
Vcc
-50 mV
Io
R1
R2
0.1μF
Rsense
V
R
R
R
VO
5
.
2
*
2
2
1
+
=
sense
O
R
V
I
05
.
0
max
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com