Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB30NF20L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB30NF20L
Description  Very good manufacturing repeatability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NF20L Datasheet(HTML) 1 Page - STMicroelectronics

  STB30NF20L Datasheet HTML 1Page - STMicroelectronics STB30NF20L Datasheet HTML 2Page - STMicroelectronics STB30NF20L Datasheet HTML 3Page - STMicroelectronics STB30NF20L Datasheet HTML 4Page - STMicroelectronics STB30NF20L Datasheet HTML 5Page - STMicroelectronics STB30NF20L Datasheet HTML 6Page - STMicroelectronics STB30NF20L Datasheet HTML 7Page - STMicroelectronics STB30NF20L Datasheet HTML 8Page - STMicroelectronics STB30NF20L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
March 2012
Doc ID 022753 Rev 2
1/14
14
STB30NF20L
N-channel 200 V, 0.065
Ω, 30 A STripFET™ Power MOSFET
in D2PAK package
Datasheet — production data
Features
■ Gate charge minimized
■ 100% avalanche tested
■ Excellent figure of merit (RDS* Qg)
■ Very good manufacturing repeatability
■ Very low intrinsic capacitance
Applications
■ Automotive
Description
This N-channel enhancement mode Power
MOSFET benefits from the latest refinement of
STMicroelectronics’ unique “single feature size”
strip-based process, which decreases the critical
alignment steps to offer exceptional
manufacturing reproducibility. The result is a
transistor with extremely high packing density for
low on-resistance, rugged avalanche
characteristics and low gate charge.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
ID
PTOT
STB30NF20L
200 V
0.075
Ω
30 A
150 W
1
3
D²PAK
TAB
Table 1.
Device summary
Order code
Marking
Package
Packaging
STB30NF20L
30NF20L
D²PAK
Tape and reel
www.st.com


Similar Part No. - STB30NF20L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NF20 STMICROELECTRONICS-STB30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB30NF20 STMICROELECTRONICS-STB30NF20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
logo
Inchange Semiconductor ...
STB30NF20 ISC-STB30NF20 Datasheet
399Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB30NF20L

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
A152-20-5 TELEDYNE-A152-20-5 Datasheet
229Kb / 7P
HIGH REPEATABILITY ULTRAMINIATURE BROADBAND ATTENUATOR RELAYS
logo
Ohmite Mfg. Co.
SINK-W OHMITE-SINK-W Datasheet
530Kb / 2P
Maximum Repeatability
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
Lower manufacturing cost
logo
List of Unclassifed Man...
SDP800 ETC2-SDP800 Datasheet
773Kb / 14P
Excellent repeatability, no drift, no offset
logo
Alpha & Omega Semicondu...
AOK40B65H2AL AOSMD-AOK40B65H2AL Datasheet
526Kb / 9P
Very good EMI behavior
AOK40B120M1 AOSMD-AOK40B120M1 Datasheet
523Kb / 9P
Very good EMI behavior
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
Industry-leading accuracy and repeatability
logo
Advantech Co., Ltd.
IFS-EGM-M77F01A ADVANTECH-IFS-EGM-M77F01A Datasheet
1Mb / 3P
Manufacturing Edge
25-Feb-2021
logo
Teledyne Technologies I...
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com