Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB30NF20L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB30NF20L
Description  Very good manufacturing repeatability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NF20L Datasheet(HTML) 4 Page - STMicroelectronics

  STB30NF20L Datasheet HTML 1Page - STMicroelectronics STB30NF20L Datasheet HTML 2Page - STMicroelectronics STB30NF20L Datasheet HTML 3Page - STMicroelectronics STB30NF20L Datasheet HTML 4Page - STMicroelectronics STB30NF20L Datasheet HTML 5Page - STMicroelectronics STB30NF20L Datasheet HTML 6Page - STMicroelectronics STB30NF20L Datasheet HTML 7Page - STMicroelectronics STB30NF20L Datasheet HTML 8Page - STMicroelectronics STB30NF20L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STB30NF20L
4/14
Doc ID 022753 Rev 2
2
Electrical characteristics
(TCASE=25°C unless otherwise specified).
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS= 0
200
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 200 V,
VDS = 200 V, Tc=125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
12
3
V
RDS(on)
Static drain-source on
resistance
VGS= 5 V, ID= 15 A
0.065 0.075
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz, VGS=0
-
1990
297
42
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=160 V, ID = 30 A
VGS =10 V
(see Figure 14)
-
65
7
21
-
nC
nC
nC
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=100 V, ID=15 A,
RG=4.7 Ω, VGS=10 V
(see Figure 13)
-
14
12
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD=100 V, ID=15 A,
RG=4.7 Ω, VGS=10 V
(see Figure 13)
-
68
14
-
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com