Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB30NF20L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB30NF20L
Description  Very good manufacturing repeatability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NF20L Datasheet(HTML) 5 Page - STMicroelectronics

  STB30NF20L Datasheet HTML 1Page - STMicroelectronics STB30NF20L Datasheet HTML 2Page - STMicroelectronics STB30NF20L Datasheet HTML 3Page - STMicroelectronics STB30NF20L Datasheet HTML 4Page - STMicroelectronics STB30NF20L Datasheet HTML 5Page - STMicroelectronics STB30NF20L Datasheet HTML 6Page - STMicroelectronics STB30NF20L Datasheet HTML 7Page - STMicroelectronics STB30NF20L Datasheet HTML 8Page - STMicroelectronics STB30NF20L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STB30NF20L
Electrical characteristics
Doc ID 022753 Rev 2
5/14
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current
(pulsed)
VSD=1.5 V
-
30
120
A
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD=30 A, VGS=0
-1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=30 A, di/dt = 100 A/µs,
VDD=100 V
-
140
750
13
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=30 A, di/dt = 100 A/µs,
VDD=100 V, Tj=150 °C
-
170
1.1
14
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com