Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP2CMPQTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP2CMPQTR
Description  Low voltage 2-channel constant current LED driver with charge pump
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2CMPQTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP2CMPQTR Datasheet HTML 4Page - STMicroelectronics STP2CMPQTR Datasheet HTML 5Page - STMicroelectronics STP2CMPQTR Datasheet HTML 6Page - STMicroelectronics STP2CMPQTR Datasheet HTML 7Page - STMicroelectronics STP2CMPQTR Datasheet HTML 8Page - STMicroelectronics STP2CMPQTR Datasheet HTML 9Page - STMicroelectronics STP2CMPQTR Datasheet HTML 10Page - STMicroelectronics STP2CMPQTR Datasheet HTML 11Page - STMicroelectronics STP2CMPQTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Maximum ratings
STP2CMP
8/23
DocID022734 Rev 2
3
Maximum ratings
Table 4: Absolute maximum ratings
Symbol
Parameter
Value
Unit
ON1-2, VCC, EN,
CP_SEL, C1P, C1N
Supply voltage
- 0.3 to + 6.0
V
VOUT
Output voltage
- 0.3 to + 6.0
V
LED1-2, ISET1-2
Current setting
-0.3 to 2
V
ESD
Human body model
±1500
V
Charged device model
±500
Machine model
±200
TAMB
Operating ambient temperature
- 30 to 85
°C
TJ
Maximum operating junction
temperature
+150
°C
TSTG
Storage temperature
-65 to 150
°C
Table 5: Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage
2.7
5.5
V
Top
Operating temperature
-30
85
°C
ILED
Current through each
LED
2.5
30
mA
Tpwm_ON
ON time of PWM signal
at each ON pin
33
µs
Tpwm_OFF
OFF time of PWM signal
at each OFF pin
Vfw
LED forward voltage
3.8
V
Table 6: Thermal data
Symbol
Parameter
Value
Unit
RthJA
(1)
Thermal resistance junction-ambient
70
°C/W
Notes:
(1)
This parameter corresponds to the PCB board, 4-layer with inch
2
of cooling area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com