Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP2CMPQTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP2CMPQTR
Description  Low voltage 2-channel constant current LED driver with charge pump
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2CMPQTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP2CMPQTR Datasheet HTML 6Page - STMicroelectronics STP2CMPQTR Datasheet HTML 7Page - STMicroelectronics STP2CMPQTR Datasheet HTML 8Page - STMicroelectronics STP2CMPQTR Datasheet HTML 9Page - STMicroelectronics STP2CMPQTR Datasheet HTML 10Page - STMicroelectronics STP2CMPQTR Datasheet HTML 11Page - STMicroelectronics STP2CMPQTR Datasheet HTML 12Page - STMicroelectronics STP2CMPQTR Datasheet HTML 13Page - STMicroelectronics STP2CMPQTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Detailed description
STP2CMP
10/23
DocID022734 Rev 2
5
Detailed description
The STP2CMP is a charge-pump-based 2-channel LED driver designed for mobile phone
display backlighting, using constant current topology. Each of the 2 channels can be
controlled independently. When ONx is pulled high, a constant current is sunk into the
LEDx pin when one LED is connected. This constant current is defined or programmed by
the value of the resistor on the ISETX pin.
5.1
Enable pin (EN)
The active high enable input pin is used to shut down the whole device. When this pin is
pulled low, the device enters into shutdown mode with only 5 µA max. current
consumption. An internal pull-d
own of 300 kΩ is present on this pin.
5.2
LED turn-on pin (ONx)
When the EN pin is pulled high, the STP2CMP provides the flexibility to control the turning
on/off on the 2 channels independently through the 2 active high ON pins. To control the
brightness of each LED channel, it is possible to drive the selected ON pin with a PWM
signal with a frequency up to a minimum TON/TOFF of 33 µs. An internal pull-down of 300 kΩ
is present on these pins.
5.3
Programmable output current
The LED currents at the 2 channels are programmed individually through a resistor
connected from ISET1, ISET2 to ground. The relationship between the resistor (RSET) and the
LED current (ILED) is governed by the below equation:
RSET = 16 x (1.22/ILED)
5.4
Charge pump
The STP2CMP charge pump can be disabled or enabled according to the CP_SEL pin.
When enabled (CP_SEL is high), the charge pump provides a clamping voltage of typ. 5.0
V to ensure enough headroom to drive the LEDs. An internal pull-
down of 300 kΩ is
present on this pin. The charge pump can be disabled by pulling low the CP_SEL pin,
based on the VCC and forward voltage of the LEDs used. This allows the connection of VCC
directly to VOUT to drive the external LEDs. At VCC ≥ 3.1 V the charge pump maintains
regulation at 5 V when the total current drawn from it (at VOUT pin) is ≤ 120 mA. At 2.7 ≤ VCC
< 3.1 V so that the charge pump maintains the regulation at 5 V, the total current drawn
from it (on VOUT pin) must be lowered to ≤ 40 mA.
5.5
Thermal protection
The thermal protection circuit ensures device shutdown when it is overheated (for example,
due to an output short-circuit) to typ. 150 °C.The device resumes normal operation when
the temperature drops by 15 °C from the thermal shutdown threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com