Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP2CMPQTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP2CMPQTR
Description  Low voltage 2-channel constant current LED driver with charge pump
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2CMPQTR Datasheet(HTML) 4 Page - STMicroelectronics

  STP2CMPQTR Datasheet HTML 1Page - STMicroelectronics STP2CMPQTR Datasheet HTML 2Page - STMicroelectronics STP2CMPQTR Datasheet HTML 3Page - STMicroelectronics STP2CMPQTR Datasheet HTML 4Page - STMicroelectronics STP2CMPQTR Datasheet HTML 5Page - STMicroelectronics STP2CMPQTR Datasheet HTML 6Page - STMicroelectronics STP2CMPQTR Datasheet HTML 7Page - STMicroelectronics STP2CMPQTR Datasheet HTML 8Page - STMicroelectronics STP2CMPQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
List of figures
STP2CMP
4/23
DocID022734 Rev 2
List of figures
Figure 1: Application schematic..................................................................................................................5
Figure 2: Block schematic...........................................................................................................................6
Figure 3: Pin connections (top view)...........................................................................................................7
Figure 4: Efficiency vs. VIN, IOUT = 10 mA .................................................................................................11
Figure 5: Efficiency vs. VIN, IOUT = 60 mA .................................................................................................11
Figure 6: VOUT vs. VIN ................................................................................................................................12
Figure 7: PWM modulation CH1-2............................................................................................................12
Figure 8: Output ripple ..............................................................................................................................13
Figure 9: Top layer ....................................................................................................................................14
Figure 10: Bottom layer.............................................................................................................................15
Figure 11: Top overlay ..............................................................................................................................15
Figure 12: Evaluation board......................................................................................................................16
Figure 13: QFN20 (1.8x3.2 mm) package outline ....................................................................................18
Figure 14: QFN20 (1.8x3.2 mm) recommended footprint.........................................................................19
Figure 15: QFN20 (1.8x3.2 mm) carrier tape outline ................................................................................20
Figure 16: QFN20 (1.8x3.2 mm) reel outline ............................................................................................21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com