Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CSRGZR
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CSRGZR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 17Page - Texas Instruments DP83867CSRGZR Datasheet HTML 18Page - Texas Instruments DP83867CSRGZR Datasheet HTML 19Page - Texas Instruments DP83867CSRGZR Datasheet HTML 20Page - Texas Instruments DP83867CSRGZR Datasheet HTML 21Page - Texas Instruments DP83867CSRGZR Datasheet HTML 22Page - Texas Instruments DP83867CSRGZR Datasheet HTML 23Page - Texas Instruments DP83867CSRGZR Datasheet HTML 24Page - Texas Instruments DP83867CSRGZR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
9.4 Device Functional Modes
9.4.1 MAC Interfaces
The DP83867 supports connection to an Ethernet MAC via the following interfaces: SGMII and RGMII.
The SGMII Enable (LED_0) strap allows the user to turn on/off the SGMII MAC interface. The SGMII Enable
strap corresponds to the SGMII Enable (bit 11) in the PHYCR register (address 0x0010).
The SGMII enable has higher priority than the RGMII enable. Table 3 is the configuration table for the MAC
interfaces:
Table 3. Configuration Table for the MAC Interfaces
SGMII ENABLE (Register 0x0010, bit 11)
RGMII ENABLE (Register 0x0032, bit 7)
DEVICE FUNCTIONAL MODE
0x1
0x1
SGMII
0x1
0x0
SGMII
0x0
0x1
RGMII
The initial strap values for the SGMII enable and the RGMII disable are also available in the Strap Configuration
Status Register 1 (STRAP_STS1).
9.4.1.1 Serial GMII (SGMII)
The Serial Gigabit Media Independent Interface (SGMII) provides a means of conveying network data and port
speed between a 100/1000 PHY and a MAC with significantly less signal pins (4 or 6 pins) than required for GMII
(24 pins) or RGMII (12 pins). The SGMII interface uses 1.25Gbps LVDS differential signaling which has the
added benefit of reducing EMI emissions relative to GMII or RGMII.
Since the internal clock/data recovery circuitry (CDR) of DP83867 can detect the transmit timing of the SGMII
data, TX_CLK is not required. SGMII interface is capable of working as a 4-wire or 6-wire SGMII interface. The
default SGMII connection is via four wires. Two differential pairs are used for the transmit and receive
connections. Clock and data recovery are performed in the MAC and in the PHY so no additional differential pair
is required for clocking. Alternately, if the MAC is not capable of recovering the clock from the SGMII receive
data, the DP83867 can be configured to provide the SGMII receive clock via a differential pair
The 1.25Gbps rate of SGMII is excessive for 100Mbps operation. When operating in 100 Mbps mode, the PHY
"elongates" the frame by replicating each frame byte 10 times. This frame elongation takes place "above" the
IEEE 802.3 PCS layer, thus the start of frame delimiter only appears once per frame.
The SGMII interface includes Auto-Negotiation capability. Auto-Negotiation provides a mechanism for control
information to be exchanged between the PHY and the MAC. This allows the interface to be automatically
configured based on the media speed mode resolution on the MDI side. In MAC loopback mode, the SGMII
speed is determined by the MDI speed selection. The SGMII interface works in both Auto-Negotiation and forced
speed mode during the MAC loopback operation. SGMII Auto-Negotiation is the default mode of the operation.
The SGMII Auto-Negotiation process can be disabled and the SGMII speed mode can be forced to the MDI
resolved speed. The SGMII forced speed mode can be enabled with the MDI auto-negotiation or MDI manual
speed mode. SGMII Auto-Negotiation can be disabled via the SGMII_AUTONEG_EN register bit in the CFG2
register (address 0x0014).
The 10M_SGMII_RATE_ADAPT bit (bit 7) of 10M_SGMII_CFG register (0x016F) needs to be cleared for
enabling 10M SGMII operation.
SGMII is enabled via a resistor strap option. See Strap Configuration for details.
All SGMII connections should be AC coupled via an 0.1µF capacitor.
The connection diagrams for 4-wire SGMII and 6-wire SGMII are shown in Figure 11 and Figure 12.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com