Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CSRGZR
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CSRGZR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 35Page - Texas Instruments DP83867CSRGZR Datasheet HTML 36Page - Texas Instruments DP83867CSRGZR Datasheet HTML 37Page - Texas Instruments DP83867CSRGZR Datasheet HTML 38Page - Texas Instruments DP83867CSRGZR Datasheet HTML 39Page - Texas Instruments DP83867CSRGZR Datasheet HTML 40Page - Texas Instruments DP83867CSRGZR Datasheet HTML 41Page - Texas Instruments DP83867CSRGZR Datasheet HTML 42Page - Texas Instruments DP83867CSRGZR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
VDD
470Q
470Q
GND
Mode 4
Mode 1
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
Table 10. RGMII Receive Clock Skew Details
RGMII CLOCK SKEW
RGMII CLOCK SKEW
RGMII CLOCK SKEW
MODE
RGMII RX CLOCK SKEW
RX[2]
RX[1]
RX[0]
1
0
0
0
2.0 ns
2
0
0
1
1.5 ns
3
0
1
0
1.0 ns
4
0
1
1
0.5 ns
5
1
0
0
4.0 ns
6
1
0
1
3.5 ns
7
1
1
0
3.0 ns
8
1
1
1
2.5 ns
9.5.2 LED Configuration
The DP83867 supports four configurable Light Emitting Diode (LED) pins: LED_0, LED_1, and LED_2. A GPIO
can also be configured to operate as an LED. Several functions can be multiplexed onto the LEDs for different
modes of operation. The LED operation mode can be selected using the LEDCR1 register (address 0x0018).
Since the LED output pins are also used as straps, the external components required for strapping and LED
usage must be considered in order to avoid contention. Specifically, when the LED outputs are used to drive
LEDs directly, the active state of each output driver is dependent on the logic level sampled by the corresponding
AN input upon power-up/reset.
If a given strap input is resistively pulled low then the corresponding output will be configured as an active high
driver. In the context of the 4-level straps, this will occur for modes 1, 2, and 3. Conversely, if a given strap input
is resistively pulled high, then the corresponding output will be configured as an active low driver. In the context
of the 4-level straps, this will occur only for mode 4.
Refer to Figure 18 for an example of strap connections to external components. In this example, the strapping
results in Mode 1 for LED_0 and Mode 4 for LED_1.
The adaptive nature of the LED outputs helps to simplify potential implementation issues of these dual purpose
pins.
Figure 18. Example Strap Connections
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com