Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CSRGZR
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CSRGZR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 9Page - Texas Instruments DP83867CSRGZR Datasheet HTML 10Page - Texas Instruments DP83867CSRGZR Datasheet HTML 11Page - Texas Instruments DP83867CSRGZR Datasheet HTML 12Page - Texas Instruments DP83867CSRGZR Datasheet HTML 13Page - Texas Instruments DP83867CSRGZR Datasheet HTML 14Page - Texas Instruments DP83867CSRGZR Datasheet HTML 15Page - Texas Instruments DP83867CSRGZR Datasheet HTML 16Page - Texas Instruments DP83867CSRGZR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
SG_RXCK
(single ended)
SG_RXCK
(differential)
SG_RXDA
(single ended)
SG_RXDA
(differential)
T3 (min)
tT1t
tT2t
T3 (max)
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
8.9 SGMII Timing
(1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
T1
SGMII Clock Output Duty Cycle
48
52
%
T2
Setup time
See (2)
100
ps
T3
Clock to Data relationship from
See (3)
either edges of the clock to valid
250
550
ps
data
TR
VOD fall time
20% - 80%
100
200
ps
TF
VOD rise time
20% - 80%
100
200
ps
Thold
Hold time
See (2)
100
ps
(1)
Ensured by production test, characterization, or design.
(2)
Setup and hold time are measured at 50% of the transition.
(3)
T3 is measured at 0 V differential.
Figure 4. SGMII Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com