Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS730 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS730
Description  PWM Power Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS730 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS730 Datasheet HTML 1Page - Infineon Technologies AG BTS730 Datasheet HTML 2Page - Infineon Technologies AG BTS730 Datasheet HTML 3Page - Infineon Technologies AG BTS730 Datasheet HTML 4Page - Infineon Technologies AG BTS730 Datasheet HTML 5Page - Infineon Technologies AG BTS730 Datasheet HTML 6Page - Infineon Technologies AG BTS730 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BTS730
PWM Power Unit
The device allows continuous power control for lamps,LEDs
or inductive loads.
!
Highside switch (Bootstrap)
!
Overtemperatur protection
!
Short circuit / overload protection through pulse width
reduction and overload shutdown
!
Load dump protection
!
Undervoltage and overvoltage shutdown with
auto-restart and hysteresis
!
Reverse battery protection 1)
!
Timing frequency adjustable
!
Controlled switching rise and fall times
!
Maximum current internally limited
!
Protection against loss of GND 2)
!
Electrostatic discharge (ESD) protection
!
Package: P-DSO-20-6 (SMD)
Note: Switching frequency is programmed with an external capacitor
Type
Ordering Code
Marking
Package
BTS730
Q67060-S7007-A2
-
P-DSO-20-6
Maximum Ratings
Parameter
Symbol
Values
Unit
Active overvoltage prodection
V bb (AZ)
>40
V
Short circuit current
I SC
self-limited
-
Input current (DC)
I Ct
2mA
Pin1 (C t) and pin19 (V C)
I VC
2mA
Operating temperature range
T j
-40...+150
°C
Storage temperature range
T stg
-50...+150
Power dissipation 3)
T a=25°C
P tot
3W
T a=85°C
2W
Thermal resistance chip-case 3)
R th JC
≤35
K/W
chip-ambient
R th JA
≤75
Electrostatic discharge capability (ESD)
V ESD
≤ 1
kV
(Human Body Model)
acc. MIL-STD883D, method 3015.7 and ESD assn.
std. S5.1-1993; R=1.5K
Ω; C=100pF
1) With 150Ω resistor in signal GND connection.
2) Potential between signal GND and load GND >0.5V
3) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2(one layer,70µm thick) copper area for Vbb conection,
PCB is vertical without air blowing.
Semiconductor Group
1
2003-Oct-01


Similar Part No. - BTS730

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
187Kb / 10P
Smart High-Side Power Switch
V1.0, 2007-12-17
BTS730 INFINEON-BTS730_07 Datasheet
187Kb / 10P
Smart High-Side Power Switch
V1.0, 2007-12-17
More results

Similar Description - BTS730

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
Rev. 2.9
logo
Siemens Semiconductor G...
BTS630 SIEMENS-BTS630 Datasheet
133Kb / 8P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
Power Management Unit
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
logo
Festo Corporation.
2247682 FESTO-2247682 Datasheet
75Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
103126 PHOENIX-103126 Datasheet
352Kb / 17P
Power supply unit
2015-08-28
103133 PHOENIX-103133 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com