Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS730 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS730
Description  PWM Power Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS730 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS730 Datasheet HTML 1Page - Infineon Technologies AG BTS730 Datasheet HTML 2Page - Infineon Technologies AG BTS730 Datasheet HTML 3Page - Infineon Technologies AG BTS730 Datasheet HTML 4Page - Infineon Technologies AG BTS730 Datasheet HTML 5Page - Infineon Technologies AG BTS730 Datasheet HTML 6Page - Infineon Technologies AG BTS730 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BTS730
Block Diagram
Pin Definitions and Funktions
Pin Configuration (top view)
Pin
Symbol Funktions
1
C t
Timing capacitor
C t
1
•
20 V REF
for frequency
C B1
219 V C
2
C B1
Bootstrap capacitor
C B2
3
18 GND
3
C B2
V bb
417 V bb
4,5,6,7
V bb
Supply voltage
V bb
516 V bb
14,15,16,17
(Leadframe connected)
V bb
615 V bb
8,9,10
OUT
Output
V bb
714 V bb
11,12,13
OUT
8
13 OUT
18
GND
Ground
OUT
9
12 OUT
19
V C
Voltage for PWM-Control
OUT
10
11 OUT
20
V REF
Reference Voltage
Over / Under-
voltage
Detection
Overvoltage
Prodtection
Timing
Generator
Pulse - width
Comparator
Pump and
Current
Limiting
Logic
Voltage
Regulator
Vbb
OUT
V
V
C
GND
tREF
C
CB2
Signal GND
Load GND
Timing
Cap.
Bootstrap
Capacitor
CB1
25k
68nF
22nF
(18)
(1)
(20)
(19)
(2)
(3)
(8,9,10,11,12,13)
(4,5,6,7)
Temperature
Sensor
(14,15,16,17)
Semiconductor Group
2
2003-Oct-01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com