Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS730 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS730
Description  PWM Power Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS730 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS730 Datasheet HTML 1Page - Infineon Technologies AG BTS730 Datasheet HTML 2Page - Infineon Technologies AG BTS730 Datasheet HTML 3Page - Infineon Technologies AG BTS730 Datasheet HTML 4Page - Infineon Technologies AG BTS730 Datasheet HTML 5Page - Infineon Technologies AG BTS730 Datasheet HTML 6Page - Infineon Technologies AG BTS730 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BTS730
Electrical Characteristics
at T C = 25 °C, Vbb = 12 V, unless otherwise specified. CBootstrap = 22nF
Parameter
Symbol
Values
Unit
min.
typ.
max.
On-state resistance
R ON
-
-
70 m
Ω
I L=3A, V bb=12V
Operating voltage
V bb
5.9
1)
-
16.9
2) V
T C = -40 ...+150°C
Nominal current, calculated value
I L-ISO
3-
- A
ISO-standard:Vbb-VOUT ≤0.5V, TC = 85°C
Load current limit
I LLim
-20
- A
V bb-V OUT> 1V, TC = -40 ...+150°C
Undervoltage shutdown
V bb(LOW)
3
4.2
5.4 V
I L = 3A, TC = -40 ...+150°C
Overvoltage shutdown
V bb(HI)
17
18
19 V
I L = 3A, TC = -40 ...+150°C
Max.output voltage (RMS)
V RMSmax
12
-
14 V
I L = 3A, V bb > 12 V
T C = -40 ...+150°C
Reference voltage
V REF
23 V
I REF= 10mA, TC = -40 ...+150°C
Reference current
I REF
-
150
-
mA
pin 18 (GND) to pin 20 (VREF) short
Internal current consumption during
I R
-5 mA
operation, measured in PWM gap
TC = -40 ...+150°C
Bootstrap voltage, pin 2 (C B1) to pin 3 (C B2) V B
-10
-
V
V bb = 12 V, TC = -40 ...+150°C
PWM frequency
f PWM
50
-
100 Hz
T c = -40 ... +150 °C, C t = 68 nF
Max. pulse duty factor
D imax
95
98
-
%
I L = 3A,
V C=0V , (50% V OUT)
Min. pulse duty factor
D imin
3
8
14 %
I L = 3A,
V C=0V , (50% V OUT)
Slew rate "on"
du/dt (on)
20
-
120 mV/
µs
10 ... 90% I OUT
Slew rate "off"
du/dt (off)
20
-
120 mV/
µs
90 ... 10% I OUT
Thermal overload trip temperature
Tj
150
-
-
°C
1) Note: undervoltage shutdown
2) Note: overvoltage shutdown
Semiconductor Group
3
2003-Oct-01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com