Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL-CW1250D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAL-CW1250D3
Description  50 Ω nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CW1250D3 Datasheet(HTML) 1 Page - STMicroelectronics

  BAL-CW1250D3 Datasheet HTML 1Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 2Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 3Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 4Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 5Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 6Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 7Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 8Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
September 2015
DocID024678 Rev 2
1/10
10
BAL-CW1250D3
50 Ω nominal input / conjugate match balun to
CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
Datasheet
− production data
Features
• 50 Ω nominal input / match ST-Ericsson RF IC
CW1250, CW1150, CW1260, CW1160
• Low insertion loss
• Low amplitude imbalance
• Low phase imbalance
• DC blocking access on single RF input
• Small footprint: < 1.2 mm2
Benefits
• Extremely low profile (< 550 µm after reflow)
• Integrate matching network
• High RF performance
• RF components count and area reduction
Applications
• Balun with integrated matching for ST-Ericsson
RF IC CW1250, C1150, CW1260
Description
STMicroelectronics BAL-CW1250D3 is a balun
(balanced/unbalanced device) designed to
transform a single ended signal to differential
signals in WLAN application.
This BAL-CW1250D3, with low insertion losses in
the bandwidth 2400 MHz to 2500 MHz, has been
customized for CW1250, CW1150, CW1260,
CW1160 transceiver. The differential output
embeds an integrated matching network adapted
to the transceiver.
The BAL-CW1250D3 has been designed using
STMicroelectronics IPD (integrated passive
device) technology on non-conductive glass
substrate to optimize RF performance.
Figure 1. Pinout diagram (top view)
Lead-free Flip-Chip package
5 bumps
A
B
C
3
2
1
SE
GND
VCC
DIFF
DIFF
www.st.com


Similar Part No. - BAL-CW1250D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
Low amplitude imbalance
02-May-2016
BAL-CC25-01D3 STMICROELECTRONICS-BAL-CC25-01D3 Datasheet
473Kb / 10P
50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
12-Nov-2015
BAL-CC25-02D3 STMICROELECTRONICS-BAL-CC25-02D3 Datasheet
616Kb / 11P
50 ohm, conjugate match to CC2541 transformer balun
17-Nov-2015
More results

Similar Description - BAL-CW1250D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
04-Jun-2014
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
04-Jul-2016
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
07-Jul-2016
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
23-Jun-2017
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
22-Feb-2018
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFLB-WL-08D3 STMICROELECTRONICS-BALFLB-WL-08D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFLB-WL-09D3 STMICROELECTRONICS-BALFLB-WL-09D3 Datasheet
2Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com