Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDBL20 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDBL20
Description  200 mA very low quiescent current linear regulator IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDBL20 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDBL20 Datasheet HTML 6Page - STMicroelectronics LDBL20 Datasheet HTML 7Page - STMicroelectronics LDBL20 Datasheet HTML 8Page - STMicroelectronics LDBL20 Datasheet HTML 9Page - STMicroelectronics LDBL20 Datasheet HTML 10Page - STMicroelectronics LDBL20 Datasheet HTML 11Page - STMicroelectronics LDBL20 Datasheet HTML 12Page - STMicroelectronics LDBL20 Datasheet HTML 13Page - STMicroelectronics LDBL20 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical characteristics
LDBL20
10/19
DocID028296 Rev 1
7
Typical characteristics
(CIN = COUT = 1 µF, VEN to VIN, TJ = 25 °C unless otherwise specified)
Figure 4: Output voltage vs temperature
(IOUT = 1 mA)
Figure 5: Output voltage vs temperature
(IOUT = 200 mA)
Figure 6: Line regulation vs temperature
Figure 7: Load regulation vs temperature
Figure 8: Quiescent current vs temperature
(IOUT = 0 mA)
Figure 9: Quiescent current vs temperature
(IOUT = 200 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com