Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDBL20 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LDBL20
Description  200 mA very low quiescent current linear regulator IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDBL20 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LDBL20 Datasheet HTML 11Page - STMicroelectronics LDBL20 Datasheet HTML 12Page - STMicroelectronics LDBL20 Datasheet HTML 13Page - STMicroelectronics LDBL20 Datasheet HTML 14Page - STMicroelectronics LDBL20 Datasheet HTML 15Page - STMicroelectronics LDBL20 Datasheet HTML 16Page - STMicroelectronics LDBL20 Datasheet HTML 17Page - STMicroelectronics LDBL20 Datasheet HTML 18Page - STMicroelectronics LDBL20 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package information
LDBL20
16/19
DocID028296 Rev 1
Table 5: STSTAMP™ (0.47x0.47) mm² mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.18
0.200
0.220
b
0.060
0.065
0.070
b1
0.109
0.114
0.119
E
0.450
0.480
0.510
E1
0.208
0.213
0.218
E2
0.019
0.024
0.029
E3
0.034
0.039
0.044
D
0.450
0.480
0.510
D1
0.252
0.257
0.262
D2
0.255
0.260
0.265
fE
0.095
0.101
0.106
fD
0.106
0.111
0.116
Figure 29
: STSTAMP™ (0.47x0.47) mm² recommended footprint
Figure 30
: STSTAMP™ (0.47x0.47) mm² recommended solder stencil
0.25
0.25
0.1
180 µm
180 µm
120 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com