Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDBL20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDBL20
Description  200 mA very low quiescent current linear regulator IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDBL20 Datasheet(HTML) 1 Page - STMicroelectronics

  LDBL20 Datasheet HTML 1Page - STMicroelectronics LDBL20 Datasheet HTML 2Page - STMicroelectronics LDBL20 Datasheet HTML 3Page - STMicroelectronics LDBL20 Datasheet HTML 4Page - STMicroelectronics LDBL20 Datasheet HTML 5Page - STMicroelectronics LDBL20 Datasheet HTML 6Page - STMicroelectronics LDBL20 Datasheet HTML 7Page - STMicroelectronics LDBL20 Datasheet HTML 8Page - STMicroelectronics LDBL20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2015
DocID028296 Rev 1
1/19
This is information on a product in full production.
www.st.com
LDBL20
200 mA very low quiescent current linear regulator IC in
(0.47x0.47) mm² STSTAMP™ package
Datasheet - production data
Features
Input voltage from 1.5 to 5.5 V
Ultra low-dropout voltage (200 mV typ. at
200 mA load)
Very low quiescent current (20 µA typ. at
no-load, 0.03 µA typ. in off mode)
Output voltage tolerance: ± 1.5% @ 25 °C
200 mA guaranteed output current
High PSRR (80 dB@1 kHz, 50 db@100
kHz)
Wide range of output voltages available on
request: from 0.8 V up to 5.0 V in 50 mV
step
Logic-controlled electronic shutdown
Internal soft-start
Optional output voltage discharge feature
Compatible with ceramic capacitor
COUT = 0.47 µF
Internal constant current and thermal
protections
Available in STSTAMP™ (0.47x0.47) mm²
package
Operating temperature range: -40 °C to
125 °C
Application
Mobile phones
Tablet
Digital still cameras (DSC)
Wearable devices
Portable media players
Description
The LDBL20 high accuracy voltage regulator
provides 200 mA of maximum current from an
input voltage ranging from 1.5 V to 5.5 V, with a
typical dropout voltage of 200 mV.
It is ava
ilable in the new STSTAMP™ package,
allowing the maximum space saving.
The device is stabilized with a ceramic capacitor
on the output. The ultra low drop voltage, low
quiescent current and low noise features,
together with the internal soft-start circuit, make
the LDBL20 suitable for low power battery-
operated applications.
An enable logic control function puts the LDBL20
in shutdown mode with a total current
consumption lower than 0.2 µA. Constant current
and thermal protection are provided.


Similar Part No. - LDBL20

ManufacturerPart #DatasheetDescription
logo
Broyce Control
LDB-3-2-A BROYCECONTROL-LDB-3-2-A Datasheet
444Kb / 1P
Delay On Break Timer
logo
Mean Well Enterprises C...
LDB-350LW MEANWELL-LDB-350LW Datasheet
86Kb / 3P
DC-DC Constant Current Buck-Boost LED driver
LDB-L MEANWELL-LDB-L Datasheet
86Kb / 3P
DC-DC Constant Current Buck-Boost LED driver
logo
DONG IL TECHNOLOGY LTD.
LDB07097 DIT-LDB07097 Datasheet
865Kb / 2P
CHOKE COIL
LDB10097 DIT-LDB10097 Datasheet
865Kb / 2P
CHOKE COIL
More results

Similar Description - LDBL20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
200 mA low quiescent current very low noise LDO
from
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
300 mA very low quiescent current linear regulator IC
16-Nov-2015
LD39020 STMICROELECTRONICS-LD39020 Datasheet
2Mb / 30P
200 mA very low quiescent current linear regulator IC
15-Jun-2015
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
250 mA Low Quiescent Current LDO Linear Regulator
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com