Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GWTTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # LED1642GWTTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWTTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LED1642GWTTR Datasheet HTML 20Page - STMicroelectronics LED1642GWTTR Datasheet HTML 21Page - STMicroelectronics LED1642GWTTR Datasheet HTML 22Page - STMicroelectronics LED1642GWTTR Datasheet HTML 23Page - STMicroelectronics LED1642GWTTR Datasheet HTML 24Page - STMicroelectronics LED1642GWTTR Datasheet HTML 25Page - STMicroelectronics LED1642GWTTR Datasheet HTML 26Page - STMicroelectronics LED1642GWTTR Datasheet HTML 27Page - STMicroelectronics LED1642GWTTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Configuration register
LED1642GW
24/42
DocID024395 Rev 6
8.3
Error detection conditions
During the error detection phases for each channel, the following checks have to be
performed:
–
The output current in open detection mode (digital key: 9 CLK rising edges when
LE is "1")
–
The output voltage in short detection (digital key: 10 CLK rising edges when LE is
"1")
–
Both parameters (output voltage and current) in combined error detection mode
(digital key: 11 CLK rising edges when LE is "1").
The thresholds for the error diagnostics are listed in Table 11:
8.4
Auto-wakeup/auto power shutdown (CFG-10)
This feature reduces the power consumption when all outputs are OFF. It is active when the
CFG -10 bit of configuration register is "1". The auto power shutdown (auto OFF) starts
when the data latched is "0" for all channels, and device is active again (wakeup) at the first
latched data string including at least one bit = "1" (at least one channel ON). Timings for
shutdown and wakeup are present in the dynamics feature table. While the auto power
shutdown is active, the device ignores any other command except the channel power-on.
8.5
Programmable turn-on/turn-off time (CFG-11/12)
The device gives the possibility to program the turn-on and turn-off time of the current
generators. Four different values can be selected using CFG -12 and CFG-11 bits of the
configuration register (see Table 8) to fit the application requirements: 30/20 ns (00), 100/40
ns (01), 140/80 ns (10) and 180/150 ns (11). The selected value refers to TON (current rise
time) and TOFF (current fall time).
Table 11. Diagnostic thresholds
Error detection
modes
Checked
malfunction
CFG-9
CFG-8
Thresholds (V)
Min.
Typ.
Max.
Open
detection
Open line or output
short to GND
xx
-
IOUT ≤ 0.5 x IOUT
programmed
-
Short
detection
Short on LED or short
to V-LED
00
1.15
VOUT ≥ 1.8
2.05
01
2.25
VOUT ≥ 2.5
2.75
10
2.75
VOUT ≥ 3.0
3.25
11
3.25
VOUT ≥ 3.5
3.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com